Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 26Page - STMicroelectronics TSZ182 Datasheet HTML 27Page - STMicroelectronics TSZ182 Datasheet HTML 28Page - STMicroelectronics TSZ182 Datasheet HTML 29Page - STMicroelectronics TSZ182 Datasheet HTML 30Page - STMicroelectronics TSZ182 Datasheet HTML 31Page - STMicroelectronics TSZ182 Datasheet HTML 32Page - STMicroelectronics TSZ182 Datasheet HTML 33Page - STMicroelectronics TSZ182 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Application information
TSZ182
30/39
DocID029836 Rev 1
Moreover, the drift of Vio depending on temperature must be as low as possible not to
impact the measurement once the calibration has been made.
An NDIR sensor generally works at low frequency and the noise of the amplifiers must be
as low as possible (0.1-10 Hz en-pp = 0.4 µVpp).
Thanks to its chopper architecture, the TSZ182 combines all these specifications,
particularly in having a ΔVio/Δt of 0.1 µV/°C, no 1/f noise in low frequency, and a white
noise of 37 nV/√Hz.
Figure 62: "Principle schematic" shows an NDIR gas sensing schematic where the active
and reference channels are pre-amplified before treatment by an ADC thanks to the
TSZ182.
A Vref voltage (in hundreds of mV) can be used to ensure the amplifiers are not saturated
when the signal is close to the low rail. A gain of 1000 is used to allow amplification of the
signal coming from the NDIR sensor (3 mV).
Figure 62: Principle schematic
VL
Ref.ch
Act. ch
Vref
10 Ω
10 nF
10 nF
ADC2
ADC1
ADC3
10 Ω
100 nF
100 nF
10 k
Ω
10 k
Ω
Vcc
+
-
T SZ 182_a
T SZ 182_b
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com