Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 6Page - STMicroelectronics TSZ182 Datasheet HTML 7Page - STMicroelectronics TSZ182 Datasheet HTML 8Page - STMicroelectronics TSZ182 Datasheet HTML 9Page - STMicroelectronics TSZ182 Datasheet HTML 10Page - STMicroelectronics TSZ182 Datasheet HTML 11Page - STMicroelectronics TSZ182 Datasheet HTML 12Page - STMicroelectronics TSZ182 Datasheet HTML 13Page - STMicroelectronics TSZ182 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Electrical characteristics
TSZ182
10/39
DocID029836 Rev 1
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
GBP
Gain bandwidth product
T = 25 °C, RL = 10
kΩ,
CL = 100 pF
2
3
MHz
-40 °C < T< 125 °C,
RL = 10
kΩ, CL = 100 pF
1.6
Φm
Phase margin
RL = 10
kΩ, CL = 100 pF
56
degrees
Gm
Gain margin
15
dB
SR
Slew rate (4)
T = 25 °C
2.9
4.7
V/µs
-40 °C < T< 125 °C
2.4
ts
Settling time
To 0.1 %, Vin = 1.5 Vpp
600
ns
To 0.01 %, Vin = 1 Vpp
4
µs
en
Equivalent input noise voltage
f = 1 kHz
37
nV/√Hz
f = 10 kHz
37
en-pp
Voltage noise
f = 0.1 to 10 Hz
0.4
µVpp
Cs
Channel separation
f = 100 Hz
135
dB
tinit
Initialization time, G = 100 (5)
T = 25 °C
60
µs
-40 °C < T< 125 °C
100
Notes:
(1)See Section 5.5: "Input offset voltage drift over temperature". Input offset measurements are performed on x100 gain
configuration. The amplifiers and the gain setting resistors are at the same temperature.
(2)Guaranteed by design
(3)Tested on the MiniSO8 package, RF injection on the IN- pin
(4)Slew rate value is calculated as the average between positive and negative slew rates
(5)Initialization time is defined as the delay between the moment when supply voltage exceeds 2.2 V and output voltage
stabilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com