Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 5 Page - STMicroelectronics

  TSZ182 Datasheet HTML 1Page - STMicroelectronics TSZ182 Datasheet HTML 2Page - STMicroelectronics TSZ182 Datasheet HTML 3Page - STMicroelectronics TSZ182 Datasheet HTML 4Page - STMicroelectronics TSZ182 Datasheet HTML 5Page - STMicroelectronics TSZ182 Datasheet HTML 6Page - STMicroelectronics TSZ182 Datasheet HTML 7Page - STMicroelectronics TSZ182 Datasheet HTML 8Page - STMicroelectronics TSZ182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TSZ182
Electrical characteristics
DocID029836 Rev 1
5/39
3
Electrical characteristics
Table 3: Electrical characteristics at VCC+ = 2.2 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and
RL = 10
kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
3.5
35
µV
-40 °C < T< 125 °C
45
ΔVio/ΔT
Input offset voltage drift (1)
-40 °C < T< 125 °C
0.1
µV/°C
Iib
Input bias current (Vout = VCC/2)
T = 25 °C
30
200 (2)
pA
-40 °C < T< 125 °C
300 (2)
Iio
Input offset current (Vout = VCC/2)
T = 25 °C
60
400 (2)
-40 °C < T< 125 °C
600 (2)
CMR1
Common-mode rejection ratio,
20 log (ΔVicm/ΔVio), Vic = 0 V to VCC,
Vout = VCC/2, RL > 1
MΩ
T = 25 °C
96
115
dB
-40 °C < T< 125 °C
94
CMR3
Common mode rejection ratio,
20 log (ΔVicm/ΔVio), Vic = 1.1 V to VCC,
Vout = VCC/2, RL > 1
MΩ
T = 25 °C
102
120
-40 °C < T< 125 °C
100
Avd
Large signal voltage gain,
Vout = 0.5 V to (Vcc - 0.5 V)
T = 25 °C
112
130
-40 °C < T< 125 °C
100
VOH
High-level output voltage, VOH = Vcc - Vout
T = 25 °C
15
40
mV
-40 °C < T< 125 °C
70
VOL
Low-level output voltage
T = 25 °C
10
30
-40 °C < T< 125 °C
70
Iout
Isink (Vout = VCC)
T = 25 °C
4
6
mA
-40 °C < T< 125 °C
2.5
Isource (Vout = 0 V)
T = 25 °C
3.5
4
-40 °C < T< 125 °C
2
ICC
Supply current
(per channel, Vout = VCC/2, RL > 1
MΩ)
T = 25 °C
0.7
1
-40 °C < T< 125 °C
1.2
AC performance
GBP
Gain bandwidth product
T = 25 °C,
RL = 10
kΩ,
CL = 100 pF
1.6
2.3
MHz
-40 °C < T< 125 °C,
RL = 10
kΩ,
CL = 100 pF
1.2
Φm
Phase margin
RL = 10
kΩ,
CL = 100 pF
59
degrees
Gm
Gain margin
16
dB
SR
Slew rate (3)
T = 25 °C
3
4.6
V/µs
-40 °C < T< 125 °C
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com