Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 41Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 42Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 43Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 44Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 45Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 46Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 47Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 48Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
45
December 12, 2012
PCR2
PCR1
PCR0
3210
0
0
0
PC3
PC2
PC1
PC0
0
0
1
PC3
PC2
PC1
AN0
0
1
0
PC3
PC2
AN1
AN0
0
1
1
PC3
AN2
AN1
AN0
1
0
0
AN3
AN2
AN1
AN0
PCR Table: Port A/D Channel Configuration Table
fOSC
A/D Clock Period (tAD)
ADCS1, ADCS0=01
(fOSC/2)
ADCS1, ADCS0=10
(fOSC/8)
ADCS1, ADCS0=00
(fOSC/32)
ADCS1, ADCS0=11
4MHz
500ns
2
ms8ms
¾
6MHz
333ns
1.3
ms
5.3
ms
¾
8MHz
250ns
1
ms4ms
¾
A/D Clock Period Examples
A C S R R e g i s t e r
S e l e c t A / D c o n v e r t e r c l o c k s o u r c e
b 7
b 0
T E S T
A D C S 1 A D C S 0
A D C S 1
0
0
1
1
A D C S 0
0
1
0
1
: f O S C / 2
: f O S C / 8
: f O S C / 3 2
: N o t i m p l e m e n t e d
N o t i m p l e m e n t e d , r e a d a s " 0 "
F o r t e s t m o d e u s e o n l y
ACSR Register
A/D Input Pins
All of the A/D analog input pins are pin-shared with the
I/O pins on Port C. Bits PCR2~PCR0 in the ACSR regis-
ters, not configuration options, determine whether the
input pins are setup as normal Port C input/output pins
or whether they are setup as analog inputs. In this way,
pins can be changed under program control to change
their function from normal I/O operation to analog inputs
and vice versa. Pull-high resistors, which are setup
through configuration options, apply to the input pins
only when they are used as normal I/O pins, if setup as
A/D inputs the pull-high resistors will be automatically
disconnected. Note that it is not necessary to first setup
the A/D pin as an input in the PBC port control register to
enable the A/D input, when the PCR2~PCR0 bits en-
able an A/D input, the status of the port control register
will be overridden.
The VDD power supply pin is used as the A/D converter
reference voltage, and as such analog inputs must not
be allowed to exceed this value. Appropriate measures
should also be taken to ensure that the VDD pin remains
as stable and noise free as possible.
Initialising the A/D Converter
The internal A/D converter must be initialised in a spe-
cial way. Each time the Port C A/D channel selection bits
are modified by the program, the A/D converter must be
re-initialised. If the A/D converter is not initialized after
the channel selection bits are changed, the EOCB flag
may have an undefined value, which may produce a
false end of conversion signal. To initialize the A/D con-
verter after the channel selection bits have changed,
then, within a time frame of one to ten instruction cycles,
the START bit in the ADCR register must first be set high
and then immediately cleared to zero. This will ensure
that the EOCB flag is correctly set to a high condition.
Summary of A/D Conversion Steps
The following summarizes the individual steps that
should be executed in order to implement an A/D con-
version process.
· Step 1
Select the required A/D conversion clock by correctly
programming bits ADCS1 and ADCS0 in the ACSR
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com