Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 40Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 41Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 42Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 43Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 44Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
41
December 12, 2012
Voice Output
Voice Control
The voice control register controls the voice ROM circuit
and the DAC circuit and selects the Voice ROM latch
counter. If the DAC circuit is not enabled, any DAH/DAL
outputs will be invalid. Writing a
²1² to the DAC bit will
enable the DAC circuit, while writing a
²0² to the DAC bit
will disable the DAC circuit. If the voice ROM circuit is
not enabled, then voice ROM data cannot be accessed.
Writing a
²1² to the VROMC bit will enable the voice
ROM circuit, while writing a
²0² to the VROMC bit will
disable the voice ROM circuit. The LATCH bit deter-
mines which voice ROM address latch counter will be
used as the voice ROM address latch counter.
Audio Output and Volume Control
- DAL, DAH, VOL
The audio output is 12-bits wide whose highest 8-bits
are written into the DAH register and whose lowest four
bits are written into the highest four bits of the DAL regis-
ter. Bits 0~3 of the DAL register are always read as zero.
There are 8 levels of volume which are setup using the
VOL register. Only the highest 3-bits of this register are
used for volume control, the other bits are not used and
read as zero.
8 - b i t C o u n t e r
(
¸ 2 5 6 )
7 - b i t P r e s c a l e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
W D T C l o c k S o u r c e
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
C L R
f S Y S / 4
W D T O s c i l l a t o r
W D T C l o c k S o u r c e
C o n f i g u r a t i o n O p t i o n
Watchdog Timer
V O I C E C R e g i s t e r
b 7
b 0
L A T C H C
V R O M C D A C
P 0 A E N
P 0 A E M
F A S T
N o t i m p l e m e n t e d , r e a d a s z e r o
D A C E n a b l e
1 : e n a b l e
0 : d i s a b l e
V o i c e c R O M E n a b l e
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d , r e a d a s z e r o
V o i c e R O M C o u n t e r S e l e c t
1 : A d d r e s s L a t c h 1
0 : A d d r e s s L a t c h 0
P o w e r A m p l i f i e r E n a b l e
1 : e n a b l e
0 : d i s a b l e
P o w e r A m p l i f i e r M u t e E n a b l e
1 : e n a b l e
0 : d i s a b l e
S p e e d - U p 3 2 k H z C r y s t a l E n a b l e
1 : e n a b l e
0 : d i s a b l e
VOICE Control Register
D A L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D 3
D 2
D 1
D 0
A u d i o o u t p u t
D i g i t a l t o A n a l o g D a t a L o w R e g i s t e r
D A H R e g i s t e r
b 7
b 0
D 1 1 D 1 0 D 9
D 8
A u d i o o u t p u t
D i g i t a l t o A n a l o g D a t a H i g h R e g i s t e r
V O L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D A v o l u m e c o n t r o l d a t a
V o l u m e C o n t r o l R e g i s t e r
D 7
D 6
D 5
D 4
V O L 2 V O L 1 V O L 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com