Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA7
I/O
Wake-up,
Pull-high
Bidirectional 8-bit I/O port. Each pin on this port can be configured as a wake-up
input by a configuration option. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Configuration options determine which pins
on the port have a pull-high resistor.
PB0~PB7
I/O
Pull-high
Bidirectional 8-bit I/O port. Software instructions determine if the pin is a CMOS
output or Schmitt trigger input. Configuration options determine which pins on the
port have a pull-high resistor.
PC0/AD0
PC1/AD1
PC2/AD2
PC3/AD3
PC4~PC7
I/O
Pull-high
Bidirectional 8-bit I/O port. Software instructions determine if the pin is a CMOS
output or Schmitt trigger input. Configuration options determine which pins on the
port have a pull-high resistor. Pins PC0~PC3 are pin-shared with A/D converter
input pins AD0~AD3.
PD0/SCS
PD1/SCK
PD2/SDI
PD3/SDO
PD4~PD7
I/O
Pull-high
Bidirectional 8-bit I/O port. Software instructions determine if the pin is a CMOS
output or Schmitt trigger input. Configuration options determine which pin on the
port have a pull-high resistor. Pins PD0~PD3 are pin-shared with SPI interface
pins SCS, SCK, SDI, SDO.
PE0~PE7
I/O
Pull-high
Bidirectional 8-bit I/O port. Software instructions determine if the pin is a CMOS
output or Schmitt trigger input. Configuration options determine which pins on the
port have a pull-high resistor.
AUD_OUT
O
¾
Audio output for driving an external transistor or for driving HT82V739
AUD_IN
I
¾
Power amplifier input pin
SP-, SP+
¾
Power amplifier output pins
VBIAS
O
¾
Voltage bias pin
RES
I
¾
Schmitt trigger reset input. Active low.
INT
I
Falling Edge
Trigger or
Falling/Rising
Edge Trigger
External interrupt Schmitt trigger input without pull-high resistor. A configuration
option determines if the interrupt active edge is a falling edge only or both a falling
and rising edge.
OSC1
OSC2
¾
Crystal
or RC
OSC1, OSC2 are connected to an external RC network or external crystal, deter-
mined by configuration option, for the internal system clock. If the RC system
clock option is selected, pin OSC2 can be used to measure the system clock at
1/4 frequency.
XIN
XOUT
¾
Crystal
Connected to an external 32kHz crystal
VREF
I
¾
A/D circuit reference voltage
VDD
¾¾
Positive digital power supply
VSS
¾¾
Negative digital power supply, ground.
VDDA
¾¾
Positive DAC circuit power supply
VSSA
¾¾
Negative DAC circuit power supply, ground
VDDA1
¾¾
Positive A/D circuit power supply
VSSA1
¾¾
Negative A/D circuit power supply, ground
VDDM
¾¾
Positive Power Amp. power supply
VSSM
¾¾
Negative Power Amp. power supply, ground
Note: 1. Each pin on PA can be programmed through a configuration option to have a wake-up function.
2. Individual pins can be selected to have pull-high resistors.
HT86Axx/HT86ARxx
Rev. 1.10
10
December 12, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com