Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
30
December 12, 2012
include HT86A72.inc
jmp begin
:
org 04h
; external interrupt vectors
reti
org 08h
reti
org 0Ch
reti
org 10h
; timer 2 interrupt vector
jmp tmr2int
; jump here when timer 2 overflows
org 14h
reti
org 18h
reti
:
; internal timer 2 interrupt routine
tmr2int:
:
; timer 2 main program placed here
:
reti
:
begin:
; setup timer 2 registers
mov a,09bh
; setup timer 2
mov tmr2,a
mov a,0097h
; setup timer 2
mov tmr2c,a
; setup timer 2
; setup interrupt register
mov a,01h
; enable master interrupt
mov intc,a
mov a,01h
; enable timer 2 interrupt
mov intch,a
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com