Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
27
December 12, 2012
Port A has the additional capability of providing wake-up
functions. When the device is in the Power Down Mode,
various methods are available to wake the device up.
One of these is a high to low transition of any of the Port
A pins. Single or multiple pins on Port A can be setup to
have this function.
Timers
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. The devices in the Voice Type
MCU series contain four count up timers of 8-bit capac-
ity. Each timer has only one operating mode, which is to
act as a general timer. The provision of an internal
prescaler to the clock circuitry of the timers gives added
range to the timer.
Configuring the Timer Input Clock Source
The clock source of Timer0/Timer1/Tmier2 is the system
clock divided by four and the clock source of Timer3 is
the system clock divided by four or the RTC clock which
is derived from a external 32kHz crystal. A configuration
option determines which clock is selected. If the RTC
clock is selected then note that it will continue to run
when the device is powered down using the HALT in-
struction. The 8-bit timer clock source is also first di-
vided by a prescaler, the division ratio of which is
conditioned by the three lower bits of the associated
timer control register.
Timer Registers
- TMR0, TMR1, TMR2, TMR3
The timer registers are special function registers located
in the special purpose Data Memory and is the place
where the actual timer value is stored. The value in the
timer registers increases by one each time an internal
clock pulse is received. The timer will count from the ini-
tial value loaded by the preload register to the full count
of FFH at which point the timer overflows and an internal
interrupt signal is generated. The timer value will then
be reset with the initial preload register value and con-
tinue counting.
T i m e r M o d e C o n t r o l
T 0 O N
T 1 O N
T 2 O N
P r e l o a d R e g i s t e r
T i m e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T 2 P S C 2 ~ T 2 P S C 0
T 1 P S C 2 ~ T 1 P S C 0
T 0 P S C 2 ~ T 0 P S C 0
8 - B i t T i m e r
f S Y S / 4
P r e s c a l e r
( 1 / 2 ~ 1 / 2 5 6 )
T 2 T M 1
T 1 T M 1
T 0 T M 1
T 2 T M 0
T 1 T M 0
T 0 T M 0
8-bit Timer Structure
- TMR0, TMR1, TMR2
V D D
M
U
X
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
S
C o n t r o l B i t
P u l l - H i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P D 0 D a t a B i t
S C S , S C K , S D I , S D O
S e r i a l I n t e r f a c e
W e a k
P u l l - u p
Q
Q
M
U
X
P D 0 ~ P D 7
S C S , S C K , S D I , S D O
PD Input/Output Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com