Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
29
December 12, 2012
b 7
T O N
T M 0
T M 1
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
T i m e r o n / o f f c o n t r o l
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g M o d e S e l e c t
T 0 T M 1
T 1 T M 1
T 2 T M 1
T 3 T M 1
0
0
1
1
T 0 T M 0
T 1 T M 0
T 2 T M 0
T 3 T M 0
0
1
0
1
n o m o d e a v a i l a b l e
n o m o d e a v a i l a b l e
t i m e r m o d e
n o m o d e a v a i l a b l e
T M R 0 C / T M R 1 C / T M R 2 C / T M R 3 C R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " d o n ' t c a r e "
P S C 2
P S C 1
P S C 0
T i m e r P r e s c a l e r R a t e S e l e c t
T 0 P S C 2
T 1 P S C 2
T 2 P S C 2
T 3 P S C 2
0
0
0
0
1
1
1
1
T 0 P S C 1
T 1 P S C 1
T 2 P S C 1
T 3 P S C 1
0
0
1
1
0
0
1
1
T 0 P S C 0
T 1 P S C 0
T 2 P S C 0
T 3 P S C 0
0
1
0
1
0
1
0
1
T i m e r R a t e
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
1 : 2 5 6
Timer Control Register
- All Devices
Prescaler
All of the 8-bit timers possess a prescaler. Bits 0~2 of
their associated timer control register, define the
pre-scaling stages of the internal clock source of the
Timer. The Timer overflow signal can be used to gener-
ate signals for the Timer interrupt.
Programming Considerations
The internal system clock is used as the timer clock
source and is therefore synchronized with the overall
operation of the microcontroller. In this mode, when the
appropriate timer register is full, the microcontroller will
generate an internal interrupt signal directing the pro-
gram flow to the respective internal interrupt vector.
When the Timer is read, the clock is blocked to avoid er-
rors, however as this may result in a counting error, this
should be taken into account by the programmer. Care
must be taken to ensure that the timers are properly in-
itialised before using them for the first time. The associ-
ated timer enable bits in the interrupt control register
must be properly set otherwise the internal interrupt as-
sociated with the timer will remain inactive. It is also im-
portant to ensure that an initial value is first loaded into
the timer registers before the timer is switched on; this is
because after power-on the initial values of the timer
registers are unknown. After the timer has been initial-
ised the timer can be turned on and off by controlling the
enable bit in the timer control register.
Timer Program Example
The following example program section is based on the
devices, which contain a single internal 8-bit timer. Pro-
gramming the timer for other devices is conducted in a
very similar way. The program shows how the timer reg-
isters are setup along with how the interrupts are en-
abled and managed. Also note how the timer is turned
on by setting bit 4 of the respective timer control register.
The timer can be turned off in a similar way by clearing
the same bit. This example program sets the timer to be
in the timer mode which uses the internal system clock
as their clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com