Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
· V vs. F Chart Characteristics Curves - 3.0V
· V vs. F Chart Characteristics Curves - 4.5V
HT86ARxx
· R vs. F Chart Characteristics Curves
HT86Axx/HT86ARxx
Rev. 1.10
14
December 12, 2012
V v s . F C h a r t ( F o r 3 . 0 V )
V D D ( V )
2
4
6
8
2 . 6
3 . 0
3 . 3
3 . 8
4 . 2
4 . 5
4 . 9
5 . 2
5 . 5
4 M H z / 2 7 6 k W
6 M H z / 1 8 8 k W
8 M H z / 1 4 6 k W
2 . 2
1 0
V v s . F C h a r t ( F o r 4 . 5 V )
V D D ( V )
2 . 2
2 . 6
3 . 0
3 . 8
4 . 2
4 . 5
5 . 2
5 . 5
3 . 3
4 . 9
8
6
4
2
6 M H z / 1 8 7 k W
8 M H z / 1 4 0 k W
4 M H z / 2 6 9 k W
1 0
R v s . F C h a r t
R ( k W )
8
6
4
2
4 9
6 1
8 6
1 1 1
1 3 2
3 . 0 V
4 . 5 V
1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com