Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
(RC OSC, Crystal OSC)
¾
HT86Axx:2.0V~5.5V
HT86ARxx:2.2V~5.5V
4
¾
8
MHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or Wake-up
from HALT
¾
1024
¾
*tSYS
tLVR
Low Voltage Reset Time
¾¾
2
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1.0
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
80
¾
tAD
tADC
A/D Sampling Time
¾¾
¾
32
¾
tAD
tMAT
Circumscribe Memory Access Time
¾
HT86Axx:2.0V~5.5V
HT86ARxx:2.2V~5.5V
¾¾
400
ns
Note: *tSYS=1/fSYS
Characteristics Curves
HT86Axx
· R vs. F Chart Characteristics Curves
· T vs. F Chart Characteristics Curves
HT86Axx/HT86ARxx
Rev. 1.10
13
December 12, 2012
R v s . F C h a r t
R ( k W )
8
6
4
2
1 4 6
1 8 8
2 7 6
3 5 7
4 0 9
3 . 0 V
4 . 5 V
1 0
T ( ° C )
0 . 9 1
0 . 9 5
0 . 9 9
1 . 0 3
1 . 0 7
1 . 1 1
1 . 1 5
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 0 0
T v s . F C h a r t
V D D = 3 V
V D D = 5 V
V D D = 3 V
V D D = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com