Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
20
December 12, 2012
Because the TBLH register is a read-only register and
cannot be restored, care should be taken to ensure its
protection if both the main routine and Interrupt Service
Routine use table read instructions. If using the table
read instructions, the Interrupt Service Routines may
change the value of the TBLH and subsequently cause
errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read
instructions should be avoided. However, in situations
where simultaneous use cannot be avoided, the inter-
rupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table
related instructions require two instruction cycles to
complete their operation.
Instruction
Table Location
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P12
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
11111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*12~*0: Current Program ROM table
P12~P8: Write P12~P8 to TBHP pointer register
@7~@0: Write @7~@0 to TBLP pointer register
Data Memory
The Data Memory is a volatile area of 8-bit wide RAM in-
ternal memory and is the location where temporary in-
formation is stored. Divided into two sections, the first of
these is an area of RAM where special function registers
are located. These registers have fixed locations and
are necessary for correct operation of the device. Many
of these registers can be read from and written to di-
rectly under program control, however, some remain
protected from user manipulation. The second area of
RAM Data Memory is reserved for general purpose use.
All locations within this area are read and write accessi-
ble under program control.
Structure
The Data Memory is subdivided into two banks, known
as Bank 0 and Bank 1, all of which are implemented in
8-bit wide RAM. Most of the RAM Data Memory is lo-
cated in Bank 0 which is also subdivided into two sec-
tions, the Special Purpose Data Memory and the
General Purpose Data Memory. The start address of the
RAM Data Memory for all devices is the address
²00H²,
and the last Data Memory address is
²FFH². Registers
which are common to all microcontrollers, such as ACC,
PCL, etc., have the same Data Memory address.
Note: Most of the RAM Data Memory bits can be directly
manipulated using the
²SET [m].i² and ²CLR [m].i² in-
structions with the exception of a few dedicated bits.
The RAM Data Memory can also be accessed through
the Memory Pointer registers MP0 and MP1.
General Purpose Data Memory
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of RAM memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. By using the
²SET [m].i² and ²CLR [m].i² instructions individual bits
can be set or reset under program control giving the
user a large range of flexibility for bit manipulation in the
Data Memory.
: U n k n o w
0 0 H
4 0 H
F F H
3 E H
S p e c i a l P u r p o s e
D a t a M e m o r y
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s )
4 0 H
F F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s )
B a n k 0
B a n k 1
RAM Data Memory Structure
- Bank 0 and Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com