Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 3 Page - Motorola, Inc

  MC33099DW/R2 Datasheet HTML 1Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 2Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 3Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 4Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 5Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 6Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 7Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 8Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33099
3
TERMINAL FUNCTION DESCRIPTION
Terminal
Terminal
Name
Formal Name
Definition
1
GATE
Gate Drive
Controls the GATE of the MOSFET to control the alternator field current.
2
BAT
Battery
Primary power connection to the system battery.
3
GND
Ground
Source lamp current and digital ground.
4
LAMP
DRAIN
Lamp Drain
Controls the Fault Lamp current.
5
LAMP
GATE
Lamp Gate
Controls the Fault Lamp internal driver as an override function.
6
IGN
Ignition
Controls the ON or OFF function of the regulator.
7
8
LRC2
LRC1
Load Response Control 2
Load Response Control 1
Inputs for selecting the LRC rate.
9
AGND
Analog Ground
Ground connection for analog circuitry.
10
REMOTE
Remote
Provides for external Kelvin connection to system battery.
11, 14
NC
No Connect
No internal connection to this terminal.
12
LRC TEST
Load Response Control Test
Provides acceleration of LRC rate for testing.
13
PHASE
FILTER
Phase Filter
Provides access to Phase Resistive Divider for External Phase Filter capacitance.
15
PHASE
Phase Sense Input
Input for phase voltage.
16
SOURCE
Source
Coupled to source of MOSFET to provide a GATE voltage reference and to monitor for
source shorts to ground.
GATE
GND
LAMP DRAIN
LAMP GATE
IGNITION
LRC2
LRC1
BAT
SOURCE
PHASE
NC
PHASE FILTER
LRC TEST
NC
REMOTE
AGND
2
3
4
5
6
7
8
16
14
13
12
11
10
15
9
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com