Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33099DW/R2 Datasheet HTML 5Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 6Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 7Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 8Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 9Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 10Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 11Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 12Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33099
9
APPLICATIONS
Introduction
The 33099 is an alternator voltage regulator designed with
internal level shifting resistors to control the voltage in a 12 V
automotive system that uses a three-phase alternator with a
rotating field winding. The system shown in Figure 2 includes
an alternator with its associated field coil, stator coils and
rectifiers, an automotive battery, a fault indicator lamp, an
ignition switch, a field flyback diode, and the 33099.
Figure 2. 33099 Simplified Application
The 12 V system voltage (Vbat) is connected to a REMOTE
input by a remote wire, which provides the IC regulator with an
external Kelvin connection directly to the battery to provide
REMOTE voltage, Vrem. The system voltage at the BAT
terminal is also sensed by an internal Local IC connection as
Local voltage Vl. The Local connection is provided in the event
the remote wire or remote connection becomes faulty such as
being resistive, an open, or shorted to ground.
The PHASE input is normally connected to a tap on one
corner of the alternator's stator winding, which provides an AC
phase voltage (Vph) for the IC to determine the rotational
frequency (fph) of the alternator rotor. Two frequency
comparators (F1 and F2) monitor voltage Vph to determine a
phase rotation detection frequency (f1) and a Low/High RPM
transition phase frequency (f2), respectively. A PHASE FILTER
terminal is provided for externally providing a filter capacitance
for filtering phase input noise.
The regulated DC system set voltage (Vset) is achieved by
employing feedback to compare a ratioed value of Vset to an
internal IC bandgap voltage reference having a negative
temperature coefficient (TC). The GATE drive of an external
N-channel MOSFET is regulated by the IC to control the field
current in the alternator field coil as an alternating ON or OFF
state dependent on load current conditions affecting voltage
Vset. The external MOSFET receives GATE-to-source voltage
drive from between the GATE and SOURCE output terminals of
the IC. The GATE-to-source voltage is a Pulse Width
Modulated (PWM) waveform having a variable ON/OFF duty
cycle ratio that is determined by an analog or a digital duty cycle
control circuitry that responds to variations in the system
voltage due to variations in system load current. The PWM
Field
Ignition
500
Stator
Ground
Battery
Low
Pass
0.6 V
Over
Voltage
Detect
1.25 V
Bandgap
Reference
Regulator
VDD
Internal
V reg
and Bias
Current
Charge
Pump
Regulator
Min Duty
Cycle
OR1
LD
OV
Remote
Local
Sense
Phase
Batt
Gate
V
Vref
(5.0 V)
(2.0 V)
1.25 V
S1
S2
CB1
CB2
LB
FB
Css
Z1
VTssc
A
N
D
4
S3
Vg
R1
R2
R3
R4
R5
RF
Cf
Vo
UV
Ign
Delay
Gate
Polling
Local
4 LSB
4MSB
8-Bit Counter
Digital
Duty Cycle
Generator
U/D
Counter
Np
Control
Switch
Up/Down
MUX
1.25 V
F2
DAC
A
N
D
3
1.25V
Batt
Polling
Drain
Lamp
Driver
Circuit
OR2
A
N
D
1
LCR1
LRC2
AGnd
Gnd
Lamp
Drain
Lamp
Gate
IGN
Cds
Dtl
Z2
Rs
To
Logic
Polling
Lamp
A
N
D
2
u/d
u/d
F1
A/D
Comparator
& Tracking
Limit
Current
Limit
Thermal
Batt
DD
VTigm
Iign
VTdsc
(OTC)
Osc
Remote
Phase
Alternate S
tator
Configuration
LCR Test
P16
P 256
Source
Phase
Filter
CF
Boundry for IC
MC33099
lpd
lpu
Vrem
Vrs
Vls
Cph
Vl
Crs
Vhvl
Vdac
Cdc
Cuv
Vfb
Cign
VBat
33099
REMOTE
PHASE
FILTER
PHASE
LCR TEST
LCR1 LCR2
GND
AGND
LAMP
GATE
LAMP
DRAIN
IGN
SOURCE
GATE
BAT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com