Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MC33099DW/R2 Datasheet HTML 8Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 9Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 10Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 11Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 12Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 13Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 14Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 15Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
33099
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
12
(DAC) waveform generator. The output MSB frequency (fmsb)
of the 8-bit divider is about 395 Hz (fmsb = fosc/256), which
determines the PWM frequency at the GATE output. An
external LRC TEST terminal is provided for accelerating
internal testing of the LRC function and logic. Under normal
operation, the LRC TEST terminal is grounded by an internal
10 kΩ resistance to ground. Under accelerated test conditions,
the LRC TEST voltage is 5.0 V, and a fourth bit (fosc /16) from
the 8-bit divider is used to determine the PWM GATE
frequency. Thus, the rates are accelerated by a factor of 16.
Low-Pass Filter, DAC, and Analog Duty Cycle
Regulator Comparator
The output voltage Vo of combiners CB1 and CB2 is coupled
to an input of a 300 Hz low-pass filter (Rf, Cf) to remove high-
frequency components of system noise at Vbat and thus
associated with voltages Vls, or Vrs. The output of the low-pass
filter is coupled to a unity-gain buffer FB that provides a filter
buffer FB output.
The 4 MSBs of the 8-bit counter causes the DAC to generate
a 4-bit 395 Hz voltage waveform having 16 descending
1.75 mV steps, ramping from Vref to [Vref - 28 mV], where Vref
is the 2.0 V reference voltage.
An analog duty cycle comparator (Cdc) compares the DAC
output voltage waveform to the voltage at the FB output (Vfb).
When voltage Vfb is less then voltage [Vref - 28 mV],
comparator Cdc outputs a logic [1], for a 100% duty cycle.
When voltage Vfb is greater than Vref, comparator Cdc outputs
a logic [0] for a 0% duty cycle. When (Vref -28mV) <Vfb <Vref,
comparator Cdc outputs a duty cycle defined by the High/Low
output voltage ratio for each period (about 2.54 ms) of the DAC
output voltage waveform.
Basic System Voltage Regulation
From a system voltage regulation viewpoint, the voltages
Vrem and Vl from the Remote or Local connections,
respectively, are scaled to the Remote Sense and Local Sense
inputs as voltages Vrs and Vls respectively and transferred to
the FB output as voltage Vfb. Voltage Vfb is compared to the
DAC output voltage waveform to generate the ON and OFF
time of the analog duty cycle waveform. When voltage Vfb is
less than Vref - 28 mV, the output of comparator Cdc is in a high
state. This high state propagates through an AND3 GATE, an
OR1 GATE, and an AND4 GATE to activate switch S3,
generating a fully ON or High GATE drive voltage. When
voltage Vfb is greater than Vref, the output of comparator Cdc is
in a low state. This low state propagates through the AND3
GATE, the OR1 GATE, and the AND4 GATE to activate switch
S3 to generate a fully OFF or low GATE drive voltage.
Assuming voltage Vref is 2.0 V and Vfb = Vrs, and the local or
remote input resistive scale factor is 7.45, the external
MOSFET provides a fully ON field current when the system
voltage is less than 7.45 (Vref - 28 mV), or 14.6 V. The field
current is also fully OFF when the system voltage is greater
than 7.45 (Vref), or 14.9 V. When voltage Vfb is less than any
portion of the DAC waveform voltage, comparator Cdc output is
high to produce an ON field current. When voltage Vfb is greater
than any portion of the DAC waveform voltage, comparator Cdc
output is low to produce an OFF field current. Thus the system
feedback will regulate the PWM duty cycle of the field current
from 0% to 100% over about a 210 mV system regulation
voltage range (dVreg). The system voltage is centered at
14.8 V, where a 50% duty cycle field current results for an
average system load current, and the duty cycle regulation
frequency is (fosc/256), or 395 Hz. Since voltage Vref has a
negative TC, voltage Vset will also have a regulation voltage
temperature coefficient (TCVreg) of about -11 mV/°C.
Input Phase and Frequency Switch Response
The phase voltage Vph results from the alternator's stator AC
output voltage being applied to the PHASE input terminal.
A phase detection threshold voltage (VTph) is approximately
4.0 V due to the 1.25 V phase reference voltage for the phase
comparator (Cph) and the 3.22 voltage ratio associated with the
phase input resistor divider. The phase input resistance (Rph) is
typically 60 kΩ. A PHASE FILTER terminal is coupled to the
input of Comparator Cph, providing for an external phase filter
capacitance when filtering of high frequency phase noise is
desired. A typical value of .003 µF to AGND provides for an
input phase 3.0 db roll-off frequency of about 10 kHz.
Comparator Cph also provides about 480 mV of hysteresis at
the PHASE input terminal. Comparator Cph further provides a
phase signal binary output voltage having a phase frequency of
fph and is applied to digital frequency switches F1 and F2.
Switch F1 outputs a logic [1] when frequency fph is less then
phase detection frequency f1. Frequency f1 is equal to
frequency fmsb/8, or 49.3 Hz for a 101 kHz oscillator frequency.
Switch F2 outputs a logic [1] when the frequency fph is greater
then the low/high transition frequency f2. Frequency f2 is equal
to frequency 3fmsb/4, or 296 Hz for a 101 kHz oscillator
frequency. These frequency switches are used to define the
Load Response Control region of operation, an undervoltage at
a high RPM fault condition, and a low RPM fault condition due
to a broken or loose belt.
Load Response Control (LRC)
The LRC circuit consists of a digital duty cycle generator, an
analog/digital (A/D) duty cycle comparator and tracking circuit,
an up/down control switch, an up/down (U/D) counter, a
programmable divider (Np), and a multiplexer (MUX). During
normal operation, the LRC circuit becomes active and
generates digital duty cycle control of the GATE drive when
frequency fph is less than frequency f2 (f1 < fph < f2). The slow
LRC response becomes inactive and the analog duty cycle
controls the GATE drive when frequency fph is greater than
frequency f2 (f1 <fph <f2). During initial ignition and initial
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com