Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC33099DW/R2 Datasheet HTML 3Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 4Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 5Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 6Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 7Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 8Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 9Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 10Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33099
7
DYNAMIC ELECTRICAL CHARACTERISTICS TA = 25°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Duty Cycle Regulation Output Frequency
fosc/256
fdc
300
375
440
Hz
Phase Rotation Detection Frequency
f1
44.28
49
53.8
Hz
Low/High RPM Transition Phase Frequency
f2
267.5
296
325
Hz
GATE Duty Cycle at Startup and WOT
fph > f2
DCstart
30
31.25
34.5
%
Minimum GATE LRC Duty Cycle
fph < f2
DC(LRC)min
29
31.25
33.5
%
Minimum GATE Duty Cycle
Vbat > Vreg(max)
DCmin
2.1
3.1
3.3
%
LRC Increasing GATE Duty Cycle Rate
Low RPM Mode (fph < f2)
LRC1 at GND, LRC2 at GND
LRC1 Open, LRC2 at GND
LRC1 at GND, LRC2 Open
LRC1 Open, LRC2 Open
High RPM Mode (fph > f2)
Rlrc1
Rlrc2
Rlrc3
Rlrc4
Rlrc(max)
–
–
–
–
–
9.31
12.45
18.71
37.42
616
–
–
–
–
–
%/s
Ignition Turn OFF Delay (Lamp ON)
tid(off)
–
10.2
–
ms
Lamp Short Circuit ON Polling Frequency
flsc
–
98.6
–
Hz
Lamp Short Circuit ON Duty Cycle
DCl
–1.56–
%
Lamp OFF Polling Frequency
fl(off)
–
98.6
–
Hz
Lamp Polling OFF Duty Cycle
DCl(off)
–1.56–
%
Field Short Circuit ON Polling Frequency
ffsc
–
98.6
–
Hz
Field Short Circuit Polling ON Duty Cycle
DCf
–1.56–
%
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com