Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC33099DW/R2 Datasheet HTML 6Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 7Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 8Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 9Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 10Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 11Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 12Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 13Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
33099
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
waveform has a duty cycle regulation output frequency of about
395 Hz (fdc) defined by an 8-bit division of an internal 101 kHz
oscillator clock frequency (fosc). The GATE voltage at the GATE
terminal is due to a charge pump GATE voltage (Vg) generated
by voltage multiplication using an internal charge pump voltage
regulator. The high GATE-to-source voltage applied to the
external MOSFET during the ON cycle of the PWM waveform
minimizes a low drain-to-source ON resistance (RDS(ON)) and
associated drain-to-source voltage Vd(SAT) to maximize the field
current while minimizing the associated power dissipation in the
MOSFET.
A unique feature of the 33099 is the combinational use of
analog and digital duty cycle controllers to provide a Load
Response Control (LRC) duty cycle function when rotor
frequency fph is less than frequency f2. A classic analog duty
cycle function is provided at the GATE output when frequency
fph is greater than frequency f2. During the LRC mode when f1
< fph < f2, a sudden decrease in the system voltage due to a
sudden increase in system load current will cause the analog
duty cycle to rapidly increase to as great as 100%. However,
the LRC circuitry causes the digital duty cycle to increase to
100% at a controlled predetermined LRC rate and overrides the
analog duty cycle. Thus the alternator response time is
decreased in the LRC mode and prevents the alternator from
placing a sudden high torque load on the automobile engine
during this slow RPM mode. This can occur when a high current
accessory is switched on to the 12 V system, producing a
sudden drop in system voltage. When frequency fph is greater
than frequency f2, the slow LRC response is not in effect and
the analog duty cycle controller controls the PWM voltage
waveform applied to the external MOSFET to regulate the
system voltage. By selectively coupling the LRC1 and LRC2
terminals to ground or leaving them open, the user can program
four different LRC rates (Rlrc1-Rlrc4) from 9.37%/sec to 37.4%/
sec. During an initial ignition ON and engine start-up, the LRC
rate is also in effect to minimize alternator torque loading on the
engine during start, even when a Wide Open Throttle (WOT)
condition (fph >f2) occurs.
An internal N-Channel MOSFET is provided on the IC to
directly drive lamp current as a fault indicator. The fault lamp is
connected between the low side of the ignition switch and the
LAMP DRAIN terminal of the IC. A fault is indicated during an
undervoltage battery condition when frequency fph is greater
than frequency f2, during an overvoltage battery condition, and
when frequency fph is less than frequency f1. Frequency fph < f1
when an insufficient alternator output voltage results or a slow
or non-rotating rotor occurs due to a slipping or broken belt. An
external LAMP GATE terminal is also provided for the internal
lamp driver to allow the user to override the internal IC fault logic
and externally drive the internal lamp drive MOSFET.
When a loose wire or battery terminal corrosion causes the
Remote voltage to decrease but is not a Remote Open
condition, the system voltage will increase, causing an
overvoltage Lamp fault indication, and is regulated at a
secondary value of about 18.5 V.
During a system load dump condition, load dump protection
circuitry prevents GATE-to-source drive to the external
MOSFET and to the internal lamp drive MOSFET. This ensures
that neither the field current nor the lamp current is activated
during load dump conditions. A drain-to-GATE voltage clamp is
also provided for the internal lamp driver for further protection of
this driver during load dump.
An ignition terminal (IGN) is provided to activate the regulator
from the standby mode into a normal operating mode when the
ignition switch is ON and an ignition voltage (Vign) is greater
than a power up/down ignition threshold voltage (VTign). When
the ignition switch is OFF, voltage Vign is less than voltage
VTign, and the regulator is switched into a low current standby
mode, when frequency fph < f1. The IGN terminal can either be
coupled to the low side of the ignition switch or to the low side
of the lamp. When the IGN terminal is connected to the low side
of the lamp, the lamp must be shunted by a resistor to ensure
that ignition ON is sensed, even with an OPEN lamp fault
condition. When the lamp in ON, lamp current is polled OFF
periodically at an ignition polling frequency in order for the IGN
terminal to periodically sense that the ignition voltage is high
even though the lamp is ON. An ignition input pull-down current
(Iign) is provided to pull voltage Vign to ground when the IGN
terminal is OPEN or terminated on a high resistance.
Two ground terminals are provided by the 33099 to separate
sensitive analog circuit ground (AGND) from noisy digital and
high-current ground (GND).
Alternator Regulator Biasing and Power Up/Down
The biasing of the regulator is derived from the BAT terminal
voltage Vbat. In the normal operating mode when the ignition
switch is ON and voltage Vign is greater than VTign (about
1.25 V), a 5.0 V VDD voltage regulator biases the IC logic and
provides bias to a bandgap shunt voltage regulator. The
bandgap regulator maintains a reference voltage (Vref) of
approximately 2.0 V with an internal negative temperature
coefficient (-TC) as well as a 1.25 V Zero Temperature
Coefficient (OTC) reference voltage. Additional bias currents
and reference voltages, including a charge pump GATE voltage
Vg, are also generated from voltage Vbat. The typically ignition
ON drain current (IQ1(on)) is about 6.5 mA at 25°C. When the
ignition switch is OFF and voltage Vign is less than VTign, the
regulator is in a low current standby mode, having a standby
drain current of about 0.7 mA (IQ1(off) ) at 25°C. During the
sleep mode, some internal voltage regulators and bias currents
are either terminated or minimized. However, the VDD regulator
and the bandgap voltage regulator continue to maintain
voltages VDD for the logic, the 2.0 V Vref, and the 1.25 V
reference voltage. In addition, all logic is reset in the standby
mode.
After switching the ignition switch to the ON position, voltage
Vign will exceed voltage VTign, causing comparator Cign to
switch states, providing an ignition-ON signal to the Ignition
Delay circuit. After an Ignition start Delay Time of 500 ms, the
Ignition Delay circuit activates additional current for the VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com