Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 14 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MC33099DW/R2 Datasheet HTML 10Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 11Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 12Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 13Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 14Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 15Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 16Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 17Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
33099
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
14
AND3 GATE. For a decreasing step response in the analog
duty cycle, the output of the AND3 GATE will rapidly follow the
decreasing analog duty cycle. The output of the AND3 GATE
drives the GATE output (and the field current) through an OR1
GATE, an AND4 GATE, and switch S3. Thus the minimum
GATE LRC duty cycle (DC(LRC)min) is 31.25%.
A 0% analog duty cycle will produce a 0% duty cycle at the
output of the AND3 GATE. However, the output of the AND3
GATE is ORed with a 3.1% minimum duty cycle signal from the
minimum duty cycle generation at the OR1 GATE input to
provide a minimum 3.1% duty cycle to the AND4 GATE input.
This provides the resulting minimum GATE duty cycle (DCmin)
of 3.1% at the GATE output, even though the analog duty cycle
is 0%.
When the phase frequency is greater than frequency
f2 (fph >f2), the N divide factor is reduced to 4. As a result, the
LRC circuitry still functions as previously described, but the rate
of digital duty cycle increase or decrease is a maximum LRC
rate (Rlrc(max)) of about 10 ms/step. Thus a step increase in the
analog duty cycle from 31.25% to 100% will cause about a
110 ms delay before the digital duty cycle provides a 100% duty
cycle at the output of the AND3 GATE (and GATE drive).
The conditions for LRC response also occur during an initial
engine start up period after engine cranking even when a WOT
condition occurs (fph > f2). When the ignition switch is turned
ON, comparator Cign is activated, activating all biasing into the
normal state and activating the start-up LRC mode. After engine
cranking and immediately after initial engine start up, the
system BATTERY voltage is generally low while a WOT
condition occurs. For this case, the slow LRC response is in
effect to prevent excessive torque loading on the engine by the
alternator during engine start up. The GATE duty cycle at start-
up with WOT (DCstart) is the minimum LRC duty cycle and will
increase at the LRC rate. Once the system voltage returns to
voltage Vset, the normal LRC response will occur as previously
described.
Field Coil Drive and Device Protection
The external MOSFET provides PWM drive current from the
system BATTERY to the field coil for system voltage regulation.
The GATE-to-Source voltage for this MOSFET is provided by
the IC's GATE-to-SOURCE terminal drive voltage. During the
ON state, the AND4 GATE activates switch S3 to couple the
GATE drive pull-up source current (Ipu) to the GATE output.
Current Ipu drives the GATE of the MOSFET to the charge
pump GATE voltage Vg (typically 23 V), causing the MOSFET
to drive the field coil terminal to near the system BATTERY
voltage. Voltage Vg has a minimum charge pump GATE voltage
(Vg(min)) of 21.5 V. This high GATE-to-Source voltage
minimizes power dissipation in the external MOSFET by
minimizing a Drain-to-Source ON resistance (RDS(ON)) of the
MOSFET during the ON state. This results in a typical Lamp
Drain ON voltage (Vd(sat)) of about 0.3 V at a Lamp Drain
current of 400 mA as measured from the LAMP DRAIN terminal
to ground. During the OFF state, the AND4 GATE activates
switch S3 to couple a GATE drive pull-down sink current (Ipd) to
the GATE output. Current Ipd pulls the GATE voltage to the
Source voltage, turning OFF the MOSFET and its associated
field coil current. The limited GATE current drive of the
MOSFET GATE capacitance reduces the magnitude and
frequency of the high-frequency components associated with
the GATE duty cycle waveform, minimizing RFI. Zener diode Z1
is employed to provide a GATE-to-Source clamping voltage
(Vgs), which limits and protects the GATE-to-Source voltage of
the external MOSFET.
When the external MOSFET fails to increase the source (or
field coil terminal) voltage to within a source short circuit
threshold voltage (VTssc) of the BATTERY terminal voltage
(VTssc <[Vbat - Vsource]), a shorted-source comparator Css
outputs a short circuit signal to a GATE polling circuit. A shorted
field coil to ground is an example of this fault condition. This
GATE polling circuit provides short GATE polling pulses to the
AND4 GATE to allow the IC to test for an unshorted condition
without damaging the external MOSFET. The polling duty cycle
is 1.56%, or about a 158 µs ON pulse at a frequency of fmsb/4,
or 98.6 Hz. When the source shorting condition is removed,
comparator Css provides a no-short signal to the GATE polling
circuitry, which provides a logic [1] to the AND4 GATE, which
then operates normally.
The AND4 GATE is also driven by the no load dump (LD) line
from the Overvoltage Detector circuitry. Thus during a load
dump system overvoltage condition, a logic [0] is provided to
the AND4 GATE from the Overvoltage Detector circuit and all
GATE drive is terminated.
A flyback diode MR850 is externally provided to limit the
negative source voltage on the field terminal (and the SOURCE
terminal) caused by a turn-OFF transition of the field current.
The forward current through this diode is approximately the
peak field current prior to field current turn OFF.
Fault Lamp Indicator—Drive and Protection
The fault indicator lamp is driven by an internal N-channel
MOSFET lamp driver, which controls the lamp current. The
lamp is coupled between the ignition switch and the LAMP
DRAIN terminal of the lamp driver. The Lamp GATE of the lamp
driver is driven by the lamp driver circuitry or from an external
LAMP GATE terminal. Inputs to the lamp driver circuitry are
from an output of an AND2 GATE, an output of a thermal limit
circuit, and an output of a current limit circuit. By applying an
external Lamp GATE override voltage (Vgo) to the LAMP GATE
terminal (5), the Lamp Drain current will increase, providing
lamp current independent of the lamp driver logic state. When
the lamp driver circuity is forcing the lamp driver OFF, the LAMP
GATE terminal resistance to ground will be about 4.6 kΩ. The
source of the lamp driver is coupled to ground through an
internal current sense resistor RS. When the lamp is ON, the
Lamp Drain ON voltage (Vd(sat)) is the Lamp Drain-to-ground
voltage measured at 400 mA of Lamp Drain current.
Normally, current flows through the lamp driver (and lamp),
indicating a fault when the output of the AND2 GATE is a
logic [1]. Assuming the lamp is not shorted, is not being current
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com