Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 16 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MC33099DW/R2 Datasheet HTML 12Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 13Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 14Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 15Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 16Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 17Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 18Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 19Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 20Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
33099
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
16
PACKAGE DIMENSIONS
.
NOTES:
1.
DIMENSIONS ARE IN MILLIMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
3.
DATUMS A AND B TO BE DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
4.
THIS DIMENSION DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURRS. MOLD FLASH,
PROTRUSION OR GATE BURRS SHALL NOT EXCEED
0.15mm PER SIDE. THIS DIMENSION IS DETERMINED
AT THE PLANE WHERE THE BOTTOM OF THE LEADS
EXIT THE PLASTIC BODY.
5.
THIS DIMENSION DOES NOT INCLUDE INTER-LEAD
FLASH OR PROTRUSIONS. INTER-LEAD FLASH AND
PROTRUSIONS SHALL NOT EXCEED 0.25mm PER
SIDE. THIS DIMENSION IS DETERMINED AT THE
PLANE WHERE THE BOTTOM OF THE LEADS EXIT
THE PLASTIC BODY.
6.
THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED
0.62mm.
89
116
SEATING
PLANE
7
0.75
X45
°
8X
M
0.25
B
0.49
16X
B
M
0.25
A
T
4
10.55
10.05
10.45
10.15
A
7.6
7.4
B
PIN 1 INDEX
PIN'S
NUMBER
5
A
A
0.25
1.0
0.4
0
0.32
0.23
°
°
SECTION A-A
0.35
2.65
2.35
0.25
0.10
6
T
16X
0.1 T
1.27
14X
DW SUFFIX
16-TERMINAL SOICW
PLASTIC PACKAGE
CASE 751G-04
ISSUE D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com