Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 4 Page - Motorola, Inc

  MC33099DW/R2 Datasheet HTML 1Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 2Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 3Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 4Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 5Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 6Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 7Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 8Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
33099
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
.
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Load Dump Transient Voltage (Note 1)
Negative Voltage (Note 2)
Vbat
+Vmax
-Vmin
24
40
-2.5
V
ESD Voltage
Human Body Model (Note 3)
Machine Model (Note 4) (Note 5)
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
-40 to 125
°C
Storage Temperature Range
TSTG
-45 to 150
°C
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation @ TA = 125°C
Thermal Resistance, Junction-to-Ambient
PD
RθJA
640
85
mW
°C/W
Terminal Soldering Temperature (Note 6)
TSOLDER
220
°C
Notes
1.
125ns wide square wave pulse.
2.
Maximum time = 2 minutes.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
4.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
5.
ESD2 voltage capability of PHASE FILTER terminal is greater than 150 V. All other device terminals are as indicated.
6.
Terminal soldering temperature is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com