Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099DW/R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC33099DW/R2
Description  Adaptive Alternator Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33099DW/R2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC33099DW/R2 Datasheet HTML 2Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 3Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 4Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 5Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 6Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 7Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 8Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 9Page - Motorola, Inc MC33099DW/R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
33099
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
Lamp Drain Short Circuit Threshold Voltage (Note 7)
VTdsc
1.8
2.25
2.85
V
Lamp Drain Short Circuit Current
Idsc
2.0
2.5
3.0
Amps
Lamp Drain ON Voltage
Ilamp = 0.4 A
Vd(sat)
–0.3
2.5
V
Lamp Drain-to-GATE Clamping Voltage
Vdg
–
48.48
55
V
Lamp GATE Override Resistance
Rlg
–4.6
–
kΩ
Lamp Driver Thermal Shutdown Temperature Limit (Note 7)
TLim
–
185
–
°C
GATE Drive Source Current
Ipu
240
300
340
µA
GATE Drive Sink Current
Ipd
400
480
560
µA
GATE Drive GATE-to-Source Clamping Voltage
Vgs
10
12
15
V
Minimum Charge Pump GATE Drive Voltage
Vbat = Vsource = Vset
Vg(min)
21.5
23.4
–
V
Source Short Circuit Threshold Voltage
VTssc
1.85
2.3
2.75
V
Remote Input Resistance
Vrem = Vset
Rrem
–68–
kΩ
Phase Input Resistance
Vph = Vset
Rph
–60–
kΩ
IGN Input Pull-Down Current
Vign = 1.25 V
Iign
40
73
90
µA
LRC Input Current
Vlrc = 0 V
Ilrc
35
45
55
µA
Notes
7.
Not 100% tested.
STATIC ELECTRICAL CHARACTERISTICS (continued) TA = 25°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com