Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 30 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 26Page - Microchip Technology PICDEM2 Datasheet HTML 27Page - Microchip Technology PICDEM2 Datasheet HTML 28Page - Microchip Technology PICDEM2 Datasheet HTML 29Page - Microchip Technology PICDEM2 Datasheet HTML 30Page - Microchip Technology PICDEM2 Datasheet HTML 31Page - Microchip Technology PICDEM2 Datasheet HTML 32Page - Microchip Technology PICDEM2 Datasheet HTML 33Page - Microchip Technology PICDEM2 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 25
I2C/EEPROM Demo
5.2 MSSP Module
This section presents flowcharts to implement communication with Serial
EEPROM using the MSSP module in master mode. For SSP operation, refer
to Section 5.1.
5.2.1
Main Routine
The main routine is actually preceded by several register file, bit and vector
assignments (Figure 5.2). The program begins by configuring PORTB as
outputs and PORTC as inputs. The output data value will be read from
PORTB, so it is initialized to one.
The next part of the code initializes the MSSP module for master I2C mode.
The slew rate control is disabled and the clock rate is set to 100 kHz. Both the
RC3 and RC4 pins are made inputs as the MSSP module will control the data
direction.
Interrupts are not used in this program, so they are disabled. Also, the MSSP
is configured to enable I2C master mode.
The write/read loop begins with the initialization of the EEPROM address to
00h, and the device address to A0h. Then the write loop executes by writing
the output data value to each address in the EEPROM (Figure 5.3). After the
write loop, the EEPROM address and device address are re-initialized for
read. The read loop executes by reading data values for each EEPROM
address and verifying their accuracy (Figure 5.4).
After the read loop, the output data value is incremented by one and this
value displayed, via PORTB, on the LEDs. Then the write/read loop begins
again.
If an error is encountered when writing or reading the EEPROM, or if an
EEPROM value read is incorrect, the program jumps to the error loop, which
flashes the LEDs (Figure 5.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com