Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 54 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 54 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 50Page - Microchip Technology PICDEM2 Datasheet HTML 51Page - Microchip Technology PICDEM2 Datasheet HTML 52Page - Microchip Technology PICDEM2 Datasheet HTML 53Page - Microchip Technology PICDEM2 Datasheet HTML 54Page - Microchip Technology PICDEM2 Datasheet HTML 55Page - Microchip Technology PICDEM2 Datasheet HTML 56Page - Microchip Technology PICDEM2 Datasheet HTML 57Page - Microchip Technology PICDEM2 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
VDD
VDD
MCLR
RA0
RA1
RA2
RA3
RA4
RA5
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
OSC1
VSS
VSS
11
32
1
2
3
4
5
6
7
33
34
35
36
37
38
39
40
13
12
31
U1
PIC16C64
+5V
C2
NMCLR
RA0
RA1
RA2
RA3
RA4
RA5
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
RD0
RD1
RD2
RD3
RD4
RD5
RD6
RD7
OS0
OS1
RC2
SCL
SDA
RC5
TX
RX
RB
+5V
R16
5K
470
C16
0.01
LM78L05
U5
IN
OUT
COM
1
4
2
3
W02M
CR1
+9V
Battery
J2
1
3
2
DJ005A
C18
220
C19
0.1
VCC
2
11
10
12
9
1
3
6
U3
MAX232A
+5V
C12
0.1
TX
RX
14
7
13
8
4
5
V+
T1IN
T2IN
R1OUT
R2OUT
C1+
C1-
V-
T1OUT
T2OUT
R1IN
R2IN
C2+
C2-
GND
15
C14
0.1
C11
0.1
C15
0.1
1
2
3
4
5
6
7
8
9
J1
16
+
Notes:
Unless otherwise specified,
resistance values are in ohms,
5% 1/4W. Capacitance values
are in microfarads.
0.1
RE0
RE1
RE2
RD0
RD1
RD2
RD3
RD4
RD5
RD6
RD7
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
OSC2
8
9
10
19
20
21
22
27
28
29
30
15
16
17
18
23
24
25
26
14
1
2
3
4
5
6
7
8
R1
4.7K
S1
+5V
C1
0.1
+5V
R4
4.7K
C3
20PF
OSC1
Provision Only
1
2
3
4
5
6
RA0
RA1
RA2
RA3
RA4
RA5
R2
S2
+5V
R3
4.7K
A0
A1
A2
SCL
WP
1
2
3
6
7
U4
SDA
+5V
5
24LC01B
VDD
VSS
C10
0.1
+5V
+5V
X1
CR2
1N914
+
C17
220
VDD
MCLR
RA0
RA1
RA2
RA3
RA4
RA5
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
VSS
VSS
20
1
2
3
4
5
6
7
21
22
23
24
25
26
27
28
8
19
U2
PIC16C73
+5V
C8
NMCLR
RA0
RA1
RA2
RA3
RA4
RA5
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
OSC1
OSC2
0.1
OSC1
OSC2
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
9
10
11
12
13
14
15
16
17
18
OSO
OSI
RC2
SCL
SDA
RC5
TX
RX
RE0
RE1
RE2
RE
+5V
R5
10K
R6
330
J3
+5V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RA1
RA2
RA3
FOR
LCD
DSPLY
R7
4.7K
S3
+5V
C9
0.1
C13
0.1
R14
10
+5V
R15
470
GRN
POWER
D1
J8
Y1
TBD
C4
20PF
C5
20PF
Not Populated
OUT
TXCO
RC
1
2
3
4
5
6
7
8
OSO
OSI
RC2
SCL
SDA
RC5
TX
RX
(RC0)
(RC1)
(RC3)
(RC4)
(RC6)
(RC7)
RD
1
2
3
4
5
6
7
8
RD0
RD1
RD2
RD3
RD4
RD5
RD6
RD7
J4
1
2
3
4
5
6
7
8
9
KEYBOARD
RB0
RB1
RB2
RB3
RN3
RB4
RN3
RB5
RN3
RB6
RN3
RB7
RN1
RB0
RN1
RB1
RN1
RB2
RN1
RB3
RN2
RB4
RN2
RB5
RN2
RB6
RN2
RB7
D2
D3
D4
D5
D6
D7
D8
D9
J7
J6
OSC2
Provision Only,
Not Populated
Y3
TBD
C6
20pF
C7
20pF
+5V
R10
10
R11
10
R12
820
R8
10
R9
10
R13
820
+5V
+5V
RA
Y2
J5
8
Breadboard
R19
470
R17
470
R18
470
4
3
RN3
4
4
4
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com