Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 53 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 49Page - Microchip Technology PICDEM2 Datasheet HTML 50Page - Microchip Technology PICDEM2 Datasheet HTML 51Page - Microchip Technology PICDEM2 Datasheet HTML 52Page - Microchip Technology PICDEM2 Datasheet HTML 53Page - Microchip Technology PICDEM2 Datasheet HTML 54Page - Microchip Technology PICDEM2 Datasheet HTML 55Page - Microchip Technology PICDEM2 Datasheet HTML 56Page - Microchip Technology PICDEM2 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 48
 2001 Microchip Technology Inc.
A.12 Board Layout and Schematics
The following figures show the parts layout (silkscreen) and schematics for
the PICDEM 2 board.
Figure A-1:
PICDEM 2 Parts Layout
J2
+9V
IN
U8
9V BATTERY
+
C18
1
U3
C13
C14
C15
C12
R8
R9
R10
R11
R12
R13
PICDEM 2 DEMO BOARD
PWR
U2
U1
PIC16C73
PIC16C64/74
Y2
Y1
J7
U4
RA0
R2
RESET
RA4
RC2
RN1
J6
76
543
2
10
RN2
PORT B
MCLR
RA0
RA1
RA2
RA3
RA4
RA5
RE0
RE1
RE2
NC
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RD7
RD6
RD5
RB7
RD4
RD3
RD2
RD1
RD0
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
J1
U5
C17
J5
©1994
Y3
(RX)
(TX)
(SCL)
(SDA)
(OSO)
(OSI)
2
1
LCD DSPLY
14
13
J3
R6
R5
RN3
J4
KEYPAD
1
CR1
RN4
S2
S1
S3
TM
Note 1: U2 is for use with any 28-pin PIC16CXXX or PIC18CXXX device.
2: U1 is for use with any 40-pin PIC16CXXX or PIC18CXXX device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com