Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 51 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 47Page - Microchip Technology PICDEM2 Datasheet HTML 48Page - Microchip Technology PICDEM2 Datasheet HTML 49Page - Microchip Technology PICDEM2 Datasheet HTML 50Page - Microchip Technology PICDEM2 Datasheet HTML 51Page - Microchip Technology PICDEM2 Datasheet HTML 52Page - Microchip Technology PICDEM2 Datasheet HTML 53Page - Microchip Technology PICDEM2 Datasheet HTML 54Page - Microchip Technology PICDEM2 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 46
 2001 Microchip Technology Inc.
A.4
RS-232 Serial Port
An RS-232 level shifting IC has been provided with all necessary hardware to
support connection of an RS-232 host through the DB9 connector. The port is
configured as DCE, and can be connected to a PC using a straight through
cable.
The PIC16C74 has its RX and TX pins tied to the RX and TX lines of the
MAX232A.
A.5
Switches
Three switches provide the following functions:
• S1 - MCLR to hard reset the processor
• S2 - Active low switch connected to RA4
• S3 - CCP1 for capture of timer
Switches S1 and S3 have debounce capacitors whereas S2 does not,
allowing the user to investigate debounce techniques.
When pressed, the switches are grounded. When idle, they are pulled high
(+5V).
A.6
Oscillator Options
• RC oscillator (2MHz approximately) supplied. This oscillator may be
disabled by removing jumper J7.
• Pads provided for user furnished crystal and two capacitors.
• Socket provided for clock oscillator.
Provisions are also provided for an external crystal oscillator for Timer1.
A.7
Analog Input
A 5K ohm potentiometer is connected through a series 470 ohm resistor to
AN0.
The pot can be adjusted from VDD to GND to provide an analog input to the
parts with an A/D module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com