Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 38 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 34Page - Microchip Technology PICDEM2 Datasheet HTML 35Page - Microchip Technology PICDEM2 Datasheet HTML 36Page - Microchip Technology PICDEM2 Datasheet HTML 37Page - Microchip Technology PICDEM2 Datasheet HTML 38Page - Microchip Technology PICDEM2 Datasheet HTML 39Page - Microchip Technology PICDEM2 Datasheet HTML 40Page - Microchip Technology PICDEM2 Datasheet HTML 41Page - Microchip Technology PICDEM2 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 33
LCD Demo
Many different LCD modules may be used. One is the 16-character-by-2-line
Optrex DMC-16207N available from Digi-Key. Figure 6.3 shows the
connections to the LCD module. Table 6.1 shows the signal connections for
the LCD connector on the PICDEM 2 board.
Table: 6.1 LCD Connection Signals
Figure 6.3: LCD Connections
PICDEM 2 Pin
No.
Symbol
Signal
1VSS
Ground
2VCC
+5V
3VEE
LCD Contrast
4RS
Register Select
5
R/W
Read/Write
6
E
Enable
7
•
•
14
DB0
•
•
DB7
Data bit 0
Data bit 7
PICDEM 2
J3
1
2
3
4
5
6
7
•
•
•
14
RA1
RA2
RA3
RD0
RD7
+5V
0.16V
LCD Module
VSS
VCC
VEE
A9
A/W
E
DB0
•
•
•
DB7
1
2
3
4
5
6
7
•
•
•
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com