Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 7 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 3Page - Microchip Technology PICDEM2 Datasheet HTML 4Page - Microchip Technology PICDEM2 Datasheet HTML 5Page - Microchip Technology PICDEM2 Datasheet HTML 6Page - Microchip Technology PICDEM2 Datasheet HTML 7Page - Microchip Technology PICDEM2 Datasheet HTML 8Page - Microchip Technology PICDEM2 Datasheet HTML 9Page - Microchip Technology PICDEM2 Datasheet HTML 10Page - Microchip Technology PICDEM2 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 2
 2001 Microchip Technology Inc.
1.2 PICDEM 2 Demonstration Board
The PICDEM 2 demonstration board has the following hardware features:
1.
40- and 28-pin DIP sockets (Although 2 sockets are provided, only one
device may be used at a time.)
2.
On-board +5V regulator for direct input from 9V, 100mA AC/DC wall
adapter or 9V battery, or hooks for a +5V, 100mA regulated DC supply.
3.
RS-232C socket and associated hardware for direct connection to
RS-232C interface.
4.
Unpopulated holes for
Access.bus
 connector and associated
hardware.
5.
5K pot for devices with analog inputs.
6.
Three push button switches for external stimulus and RESET.
7.
Green power-on indicator LED.
8.
Eight red LEDs connected to PORTB for displaying 8-bit binary values.
9.
Jumper to disconnect LEDs from PORTB.
10. Socket for “canned” crystal oscillator.
11. Unpopulated holes provided for crystal connection.
12. Unpopulated holes provided for Timer1 external crystal.
13. Jumper to disconnect on-board RC oscillator (approximately 2 MHz).
14. 128 x 8 Serial EEPROM.
15. LCD module header.
16. Keyboard header.
17. Prototype area for user hardware.
Figure 1.2: PICDEM 2 Hardware
1
15
5
6
2
3
17
8
7
16
9
13
4
10
11
14
2
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com