Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 52 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 52 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 48Page - Microchip Technology PICDEM2 Datasheet HTML 49Page - Microchip Technology PICDEM2 Datasheet HTML 50Page - Microchip Technology PICDEM2 Datasheet HTML 51Page - Microchip Technology PICDEM2 Datasheet HTML 52Page - Microchip Technology PICDEM2 Datasheet HTML 53Page - Microchip Technology PICDEM2 Datasheet HTML 54Page - Microchip Technology PICDEM2 Datasheet HTML 55Page - Microchip Technology PICDEM2 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 47
Hardware Detail
A.8
Serial EEPROM
A 24LC01 1K (128x8) serial EEPROM is included on the board to illustrate
I2C bus concepts. Provisions for an ACCESS.bus™ connector (J5) and
associated resistors (R8-R13) are wired in parallel with the serial EEPROM.
For more information on the serial EEPROM, please refer to the most recent
version of the Technical Library CD-ROM.
A.9
Keypad Header
J4 is a nine pin header which may be used as a keypad interface. Any 3x4 or
4x4 keypad may be used. For an example keypad, see LCD Demo
(Chapter 6).
A.10 LCD Header
J3 is a 14 pin header which may be used as an LCD module interface. Many
different LCD modules may be used. For more information on LCD modules,
refer to the manufacturers’ data sheets. For an example LCD, see LCD Demo
(Chapter 6).
A.11
Sample Devices
A sample part programmed with a simple program is included in the
PICDEM 2 kits.
Table 10-1 lists the I/O features and port connections for each processor type.
TABLE A-1:
PORT CONNECTIONS
Processor
LEDs
RS-232
TX/RX
S1
S2
S3
Pot R16
Keypad
Connector
LCD Control/
Data
EEPROM/
ACCESS.BUS
28-pin
PORTB
RC6/RC7(1)
MCLR
RA4
RC2
RA0(2)
PORTB
—
RC3/RC4
40-pin
PORTB
RC6/RC7
MCLR
RA4
RC2
RA0
PORTB
PORTA/D
RC3/RC4
Note
1: PIC16C64 does not have a USART module.
2: PIC16C64 does not have an A/D module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com