Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 50 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 50 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 46Page - Microchip Technology PICDEM2 Datasheet HTML 47Page - Microchip Technology PICDEM2 Datasheet HTML 48Page - Microchip Technology PICDEM2 Datasheet HTML 49Page - Microchip Technology PICDEM2 Datasheet HTML 50Page - Microchip Technology PICDEM2 Datasheet HTML 51Page - Microchip Technology PICDEM2 Datasheet HTML 52Page - Microchip Technology PICDEM2 Datasheet HTML 53Page - Microchip Technology PICDEM2 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 45
PICDEM 2 USER’S GUIDE
12
Appendix A. Hardware Detail
The PICDEM 2 hardware is extremely simple and is intended to illustrate the
ease of use of various PICmicro MCUs. The PICDEM 2 features the following
hardware elements:
A.1
Processor Sockets
Although two sockets are provided, only one device may be used at a time.
• 40-pin socket
• 28-pin socket
A.2
Display
Eight red LEDs are connected to PORTB of each processor type. The
PORTB pins are set high to light the LEDs. These LEDs may be disconnected
from PORTB by removing jumper J6.
One green LED is provided to determine whether there is power to the
PICDEM 2 board (LED lit) or not (LED off).
A.3
Power Supply
There are three ways to supply power to PICDEM 2:
• A 9V battery can be plugged into J8.
• A 9V, 100mA unregulated AC or DC supply can be plugged into J2.
• A +5V, 100mA regulated DC supply can be connected to the hooks
provided.
In-circuit emulator users have a regulated +5V power supply available in the
logic probe connector and can easily connect to the hooks on PICDEM 2 (Red
probe to +5V and Black probe to GND).
Note 1: The exact power up sequence listed in Getting Started
(Chapter 2) of this guide must be followed.
2: The PICDEM 2 kit does not provide a power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com