Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEM2 Datasheet(PDF) 11 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 7Page - Microchip Technology PICDEM2 Datasheet HTML 8Page - Microchip Technology PICDEM2 Datasheet HTML 9Page - Microchip Technology PICDEM2 Datasheet HTML 10Page - Microchip Technology PICDEM2 Datasheet HTML 11Page - Microchip Technology PICDEM2 Datasheet HTML 12Page - Microchip Technology PICDEM2 Datasheet HTML 13Page - Microchip Technology PICDEM2 Datasheet HTML 14Page - Microchip Technology PICDEM2 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 6
 2001 Microchip Technology Inc.
2.2 PICDEM 2 as a Stand-alone Board –
Sample Programs
To demonstrate PICDEM 2 operation with one of the sample programs, the
sample device will have to be erased and reprogrammed. Once the device
has been reprogrammed:
• Make sure the sample device is in the appropriate socket on the PIC-
DEM 2 board.
• Make sure there are jumpers on J6 (to enable the LEDs) and J7 (to
enable the on-board RC oscillator).
• Apply power to the PICDEM 2 (Figure 2.1). For information on accept-
able power sources, see Appendix A.
• Consult the appropriate chapter in this document for information on the
execution of each demo.
2.2.1.
Erasing the Sample Device
To erase an EPROM device:
• Remove any labels covering the device window. If you do not have a
windowed device (Figure 2.2), you cannot reprogram it. A windowed
version of all EPROM devices may be ordered by requesting the JW
package.
• Place the device in an Ultraviolet (UV) EPROM Eraser. The amount of
time required to completely erase a UV erasable device depends on:
the wavelength of the light, its intensity, distance from UV source, and
the process technology of the device (how small are the memory cells).
• Verify that the device is blank (i.e., perform a blank check) before
attempting to program it.
Figure 2.2: PIC16C74 Windowed Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com