Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
WM8775
Product Preview
w
PP Rev 1.8, June 2004
18
DSP LATE MODE
The MSB of the left channel ADC data is output on DOUT and changes on the same falling
edge of BCLK as the low to high ADCLRC transition and may be sampled on the rising edge
of BCLK. The right channel ADC data is contiguous with the left channel data (Figure 16).
ADCLRC
BCK
DOUT
Input Word Length (IWL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1
Figure 16 DSP Late Mode Timing Diagram – ADC Data Output
CONTROL INTERFACE OPERATION
The WM8775 is controlled using a 3-wire serial interface in a SPI compatible configuration or
a 2-wire serial interface mode. The interface type is selected by the MODE pin as shown in
Table 9.
MODE
Control Mode
0
2 wire interface
1
3 wire interface
Table 9 Control Interface Selection via MODE pin
The control interface is 5V tolerant, meaning that the control interface input signals CE, CL and DI as
well as MODE may have an input high level of 5V while DVDD is 3V. Input thresholds are determined
by DVDD.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
DI is used for the program data, CL is used to clock in the program data and CE is used to latch the
program data. DI is sampled on the rising edge of CL. The 3-wire interface protocol is shown in
Figure 17.
Figure 17 3-Wire SPI Compatible Interface
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CE is edge sensitive – the data is latched on the rising edge of CE.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
CE
CL
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com