Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
WM8775
Product Preview
w
PP Rev 1.8, June 2004
22
In addition a zero cross detect circuit is provided for the input PGA. When ZCLA/ZCRA is set with a
write, the gain will update only when the input signal approaches zero (midrail). This minimises
audible clicks and ‘zipper’ noise as the gain values change. A timeout clock is also provided which
will generate an update after a minimum of 131072 master clocks (= ~10.5ms with a master clock of
12.288MHz). The timeout clock may be disabled by setting TOD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
0000111
Timeout Clock Disable
3
TOD
0
Analogue PGA Zero cross detect
timeout disable
0 : Timeout enabled
1: Timeout disabled
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LAG[7:0]
11001111
(0dB)
Attenuation data for Left channel ADC gain in 0.5dB steps. See
Table 11.
R14(0Eh)
0001110
Attenuation
ADCL
8
ZCLA
0
Left channel ADC zero cross enable:
0: Zero cross disabled
1: Zero cross enabled
7:0
RAG[7:0]
11001111
(0dB)
Attenuation data for right channel ADC gain in 0.5dB steps. See
Table 11.
R15(0Fh)
0001111
Attenuation
ADCR
8
ZCRA
0
Right channel ADC zero cross enable:
0: Zero cross disabled
1: Zero cross enabled
R21(15h)
0010101
ADC Input Mux
8
LRBOTH
0
Right channel input PGA controlled by left channel register
0 : Right channel uses RAG.
1 : Right channel uses LAG.
7
MUTELA
0
Mute for left channel ADC
0: Normal Operation
1: Mute ADC left
R21(15h)
0010101
ADC Mute
6
MUTERA
0
Mute for right channel ADC
0: Normal operation
1: Mute ADC right
ADC HIGHPASS FILTER DISABLE
The ADC digital filters contain a digital high pass filter. This defaults to enabled and can be disabled
using software control bit ADCHPD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11(0Bh)
0001011
ADC Control
8
ADCHPD
0
ADC High pass filter disable:
0: High pass filter enabled
1: High pass filter disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com