Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
WM8775
Product Preview
w
PP Rev 1.8, June 2004
28
SOFTWARE REGISTER RESET
Writing to register 0010111 will cause a register reset, resetting all register bits to their default
values.
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8775 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B
15
B
14
B
13
B
12
B
11
B
10
B
9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
(HEX)
R7 (07h)
0
0
0
0
1
1
1
0
0
0
0
0
TOD
0
0
0
000
R11 (0Bh)
0
0
0
1
0
1
1
ADCHPD
0
ADCMCLK
ADCWL[1:0]
ADCBCP ADCLRP
ADCFMT[1:0]
022
R12 (OCh)
0
0
0
1
1
0
0
ADCMS
0
0
0
0
ADCOSR
ADCRATE[2:0]
022
R13 (0Dh)
0
0
0
1
1
0
1
0
0
AINPD
0
0
0
0
ADCPD
PWDN
000
R14 (0Eh)
0
0
0
1
1
1
0
ZCLA
LAG[7:0]
0CF
R15 (0Fh)
0
0
0
1
1
1
1
ZCRA
RAG[7:0]
0CF
R16 (10h)
0
0
1
0
0
0
0
LCSEL[1:0]
MAXGAIN[2:0]
LCT[3:0]
07B
R17 (11h)
0
0
1
0
0
0
1
LCEN
ALCZC
0
0
0
HLD[3:0]
000
R18 (12h)
0
0
1
0
0
1
0
0
DCY[3:0]
ATK[3:0]
032
R19 (13h)
0
0
1
0
0
1
1
0
0
0
0
NGTH[2:0]
0
NGAT
000
R20 (14h)
0
0
1
0
1
0
0
0
0
TRANWIN [2:0]
MAXATTEN [3:0]
0A6
R21 (15h)
0
0
1
0
1
0
1
LRBOTH
MUTELA
MUTERA
0
AMX[3:0]
001
R23 (17h)
0
0
1
0
1
1
1
SOFTWARE RESET
not reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com