Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Product Preview
WM8775
w
PP Rev 1.8, June 2004
27
When the noise gate is triggered, the PGA gain is held constant (preventing it from ramping up as it
would normally when the signal is quiet).
The table below summarises the noise gate control register. The NGTH control bits set the noise
gate threshold with respect to the ADC full-scale range. The threshold is adjusted in 6dB steps.
Levels at the extremes of the range may cause inappropriate operation, so care should be taken with
set–up of the function. Note that the noise gate only works in conjunction with the ALC function, and
always
operates
on
the
same
channel(s)
as
the
ALC
(left,
right,
both,
or
none).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
NGAT
0
Noise gate function enable
1 = enable
0 = disable
R19(13h)
0010011
Noise Gate
Control
4:2
NGTH[2:0]
000
Noise gate threshold (with respect to
analogue input level)
000: -78dBFS
001: -72dBfs
… 6 dB steps
110: -42dBFS
111: -36dBFS
ADC INPUT MUX AND POWERDOWN CONTROL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21(15h)
0010101
ADC Mux and
Powerdown
Control
3:0
AMX[3:0]
0001
ADC input mixer control bits (see
Table 12)
Register bits AMX[3:0] control the left and right channel inputs into the stereo ADC. The default is
AIN1. One bit of AMX is allocated to each stereo input pair to allow the signals to be mixed before
being digitised by the ADC. For example, if AMX[3:0] is 0101, the input signal to the ADC will be
(AIN1L+AIN3L) on the left channel and (AIN1R+AIN3R) on the right channel.
However if the analogue input buffer is powered down, by setting AINPD, then all 4-channel mux
inputs are switched to buffered VMIDADC.
AMX[3:0]
LEFT ADC INPUT
RIGHT ADC INPUT
0001
AIN1L
AIN1R
0010
AIN2L
AIN2R
0100
AIN3L
AIN3R
1000
AIN4L
AIN4R
Table 12 ADC Input Mixer Control
AIN1L/R
AIN2L/R
AIN3L/R
AIN4L/R
AMX[0]
AMX[1]
AMX[2]
AMX[3]
Figure 21 ADC Input Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com