Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Product Preview
WM8775
w
PP Rev 1.8, June 2004
21
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12(0Ch)
0001100
ADC Oversampling Rate
3
ADCOSR
0
ADC oversampling rate select
0: 128x oversampling
1: 64x oversampling
POWERDOWN MODE AND ADC DISABLE
Setting the PDWN register bit immediately powers down the WM8775, including the references,
overriding all other powerdown control bits. All trace of the previous input samples is removed, but all
control register settings are preserved. When PDWN is cleared, the digital filters will be re-initialised.
It is recommended that the 4-channel input mux and buffer, and ADC are powered down before
setting PDWN.
The ADC may also be powered down by setting the ADCPD disable bit. Setting ADCPD will disable
the ADC and select a low power mode. The ADC digital filters will be reset and will reinitialise when
ADCPD is reset.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
PDWN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
1
ADCPD
0
ADC Disable:
0 : Normal Mode
1: Power Down Mode
R13(0Dh)
0001101
Powerdown Control
6
AINPD
0
Analogue Input Disable:
0 : Normal Mode
1 : Power Down Mode
ADC GAIN CONTROL
The ADC has an analogue input PGA and digital gain control for each stereo channel. Both the
analogue and digital gains are adjusted by the same register, LAG for the left and RAG for the right.
The analogue PGA has a range of +24dB to -21dB in 0.5dB steps. The digital gain control allows
further attenuation (after the ADC) from -21.5dB to -103dB in 0.5dB steps. Table 11 shows how the
register maps the analogue and digital gains.
LAG/RAG[7:0]
ATTENUATION
LEVEL
ANALOGUE PGA
DIGITAL
ATTENTUATION
00(hex)
-
∞ dB (mute)
-21dB
Digital mute
01(hex)
-103dB
-21dB
-82dB
:
:
:
:
A4(hex)
-21.5dB
-21dB
-0.5dB
A5(hex)
-21dB
-21dB
0dB
:
:
:
:
CF(hex)
0dB
0dB
0dB
:
:
:
:
FE(hex)
+23.5dB
+23.5dB
0dB
FF(hex)
+24dB
+24dB
0dB
Table 11 Analogue and Digital Gain Mapping for ADC
Left and right inputs may also be independently muted. The LRBOTH control bit allows the user to
write the same attenuation value to both left and right volume control registers, saving on software
writes. The ADC volume and mute also applies to the bypass signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com