Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
WM8775
Product Preview
w
PP Rev 1.8, June 2004
26
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16(10h)
0010000
ALC Control 1
6:4
MAXGAIN
111 (+24dB)
Set maximum gain for the PGA (ALC
only)
111 : +24dB
110 : +20dB
…..(-4dB steps)
010 : +4dB
001 : 0dB
000 : 0dB
Maximum attenuation of PGA
R20(14h)
0010100
Limiter Control
3:0
MAXATTEN
0110
Limiter
(attenuation
below static)
0011 or lower:
-3dB
0100: -4dB
…. (-1dB
steps)
1100: -12dB
ALC (lower PGA
gain limit)
1010 or lower
: -1dB
1011 : -5dB
….. (-4dB steps)
1110 : -17dB
1111 : -21dB
HOLD TIME (ALC ONLY)
The ALC also has a hold time, which is the time delay between the peak level detected being below
target and the PGA gain beginning to ramp up. It can be programmed in power-of-two (2
n) steps, e.g.
2.67ms, 5.33ms, 10.67ms etc. up to 43.7ms. Alternatively, the hold time can also be set to zero. The
hold time only applies to gain ramp-up, there is no delay before ramping the gain down when the
signal level is above target.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17(11h)
0010001
ALC Control 2
3:0
HLD[3:0]
0000
ALC hold time before gain is
increased.
0000: 0ms
0001: 2.67ms
0010: 5.33ms
… (time doubles with every step)
1111: 43.691s
OVERLOAD DETECTOR (ALC ONLY)
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes an
overload detector. If the ADC input signal exceeds 87.5% of full scale (–1.16dB), the PGA gain is
ramped down at the maximum attack rate (as when ATK = 0000), until the signal level falls below
87.5% of full scale. This function is automatically enabled whenever the ALC is enabled.
(Note: If ATK = 0000, then the overload detector makes no difference to the operation of the ALC. It
is designed to prevent clipping when long attack times are used).
NOISE GATE (ALC ONLY)
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM8775 has a noise gate function that
prevents noise pumping by comparing the signal level at the AINL1/2/3/4 and/or AINR1/2/3/4 pins
against a noise gate threshold, NGTH. The noise gate cuts in when:
•
Signal level at ADC [dB] < NGTH [dB] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
•
Signal level at input pin [dB] < NGTH [dB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com