Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
WM8775
Product Preview
w
PP Rev 1.8, June 2004
20
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
In left/right/ I
2S modes:
ADCLRC Polarity (normal)
0 : normal ADCLRC polarity
1: inverted ADCLRC polarity
R11(0Bh)
0001011
Interface Control
2
ADCLRP
0
In DSP mode:
0 : Early DSP mode
1: Late DSP mode
By default, ADCLRC is sampled on the rising edge of BCLK and should ideally change on the falling
edge. Data sources that change ADCLRC on the rising edge of BCLK can be supported by setting
the BCP register bit. Setting BCP to 1 inverts the polarity of BCLK to the inverse of that shown in
Figures 12, 13, 14, and 15.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11(0Bh)
0001011
Interface Control
3
ADCBCP
0
BCLK Polarity (DSP modes)
0 : normal BCLK polarity
1: inverted BCLK polarity
The WL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11(0Bh)
0001011
Interface Control
5:4
ADCWL
[1:0]
10
Word Length
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note:
1.
If 32-bit mode is selected in right justified mode, the WM8775 defaults to 24 bits.
2.
In 24 bit I
2S mode, any width of 24 bits or less is supported provided that ADCLRC is high for a
minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
ADC MASTER MODE
Control bit MS selects between audio interface Master and Slave Modes. In Master mode ADCLRC
and BCLK are outputs and are generated by the WM8775. In Slave mode ADCLRC and BCLK are
inputs to WM8775.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12(0Ch)
0001100
Interface Control
8
ADCMS
0
Audio Interface Master/Slave Mode
select:
0 : Slave Mode
1: Master Mode
MASTER MODE ADCLRC FREQUENCY SELECT
In Master mode the WM8775 generates ADCLRC and BCLK. These clocks are derived from the
master clock. The ratio of MCLK to ADCLRC is set by ADCRATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12(0Ch)
0001100
ADCLRC Frequency
Select
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC
ratio select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com