Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8775 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
w
WM8775
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Product Preview, June 2004, Rev 1.8
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8775 is a high performance, stereo audio ADC
with a 4 channel input mixer. The WM8775 is ideal for
digitising multiple analogue sources for surround sound
processing applications for home hi-fi, automotive and
other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with a
four stereo channel input selector. Each channel has
programmable gain control. Digital audio output word
lengths from 16-32 bits and sampling rates from 32kHz
to 96kHz are supported.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including
channel selection, volume controls, mutes, de-emphasis
and power management facilities.
The device is available in a 28-pin SSOP package. The
WM8775 is software compatible with the WM8776.
FEATURES
•
Audio Performance
−
102dB SNR (‘A’ weighted @ 48kHz)
−
-90dB THD
•
ADC Sampling Frequency: 32kHz – 96kHz
•
Four stereo ADC inputs with analogue gain adjust from
+24dB to –21dB in 0.5dB steps
•
Digital gain adjust from -21.5dB to -103dB.
•
Programmable Automatic Level Control (ALC) or Limiter on
ADC input
•
3-Wire SPI Compatible or 2-wire Serial Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
•
5V tolerant digital inputs
APPLICATIONS
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio
BLOCK DIAGRAM
AUDIO INTERFACE
AND
DIGITAL FILTERS
CONTROL INTERFACE
W
WM8775
ADCLRC
BCLK
DOUT
MCLK
STEREO
ADC
ALC
AIN2R
AIN3L
AIN3R
AIN4L
AIN4R
AINOPR
AINOPL
AINVGR
AINVGL
AIN2L
AIN1R
AIN1L
VMID


Similar Part No. - WM8775

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775 Datasheet
395Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Wolfson Microelectronic...
WM8775SEDS WOLFSON-WM8775SEDS Datasheet
395Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
WM8775SEDS/R WOLFSON-WM8775SEDS/R Datasheet
395Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
More results

Similar Description - WM8775

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Asahi Kasei Microsystem...
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
Enhanced Dual bit 96 kHz 24-bit ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV.0
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
24 BIT 96 KHZ ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com