Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8775 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Product Preview
WM8775
w
PP Rev 1.8, June 2004
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
LC attack (gain ramp-down) time
3:0
ATK[3:0]
0010
ALC mode
0000: 8.4ms
0001: 16.8ms
0010: 33.6ms…
(time doubles with
every step)
1010 or higher:
8.6s
Limiter Mode
0000: 250us
0001: 500us… 0010:
1ms
(time doubles with
every step)
1010 or higher: 256ms
LC decay (gain ramp-up) time
R18(12h)
0010010
ALC
Control 3
7:4
DCY [3:0]
0011
ALC mode
0000: 33.5ms
0001: 67.2ms
0010: 134.4ms
….(time doubles for
every step)
1010 or higher:
34.3ms
Limiter mode
0000: 1.2ms
0001: 2.4ms
0010: 4.8ms ….(time
doubles for every
step)
1010 or higher:
1.2288s
TRANSIENT WINDOW (LIMITER ONLY)
To prevent the limiter responding to to short duration high ampitude signals (such as hand-claps in a
live performance), the limiter has a programmable transient window preventing it responding to
signals above the threshold until their duration exceeds the window period. The Transient window is
set in register TRANWIN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20(14h)
0010100
Limiter Control
6:4
TRANWIN
[2:0]
010
Length of Transient Window
000: 0us (disabled)
001: 62.5us
010: 125us
…..
111: 4ms
ZERO CROSS
The PGA has a zero cross detector to prevent gain changes introducing noise to the signal. In ALC
mode the register bit ALCZC allows this to be turned off if desired.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17(11h)
0010001
ALC Control 2
7
ALCZC
0
(disabled)
PGA zero cross enable
0 : disabled
1: enabled
MAXIMUM GAIN (ALC ONLY) AND MAXIMUM ATTENUATION
To prevent low level signals being amplified too much by the ALC, the MAXGAIN register sets the
upper limit for the gain. This prevents low level noise being over-amplified. The MAXGAIN register
has no effect on the limiter operation.
The MAXATTEN register has different operation for the limiter and for the ALC. For the limiter it
defines the maximum attenuation below the static (user programmed) gain. For the ALC, it defines
the lower limit for the gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com