Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 5 Page - NXP Semiconductors

  LP104S5 Datasheet HTML 1Page - NXP Semiconductors LP104S5 Datasheet HTML 2Page - NXP Semiconductors LP104S5 Datasheet HTML 3Page - NXP Semiconductors LP104S5 Datasheet HTML 4Page - NXP Semiconductors LP104S5 Datasheet HTML 5Page - NXP Semiconductors LP104S5 Datasheet HTML 6Page - NXP Semiconductors LP104S5 Datasheet HTML 7Page - NXP Semiconductors LP104S5 Datasheet HTML 8Page - NXP Semiconductors LP104S5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
55//23
23
2. Absolute Maximum Ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage to the unit.
Table 1
ABSOLUTE MAXIMUM RATINGS
Values
Parameter
symbol
Min.
Max.
Units
Notes
Power Input Voltage
Operating Temperature
Operating Tempe. for Panel
Storage Temperature
Operating Ambient Humidity
Storage Humidity
VCC
TOP
-
TST
HOP
HST
-0.3
0
0
-20
10
10
4.0
50
60
60
90
90
Vdc
°C
°C
°C
%RH
%RH
at 25
± 5°C
1
2
1
1
1
Note:
1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39
°C Max, and no condensation of water.
2. The surface temperature caused by self heat radiation of cell itself is specified on this item.
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com