Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 2 Page - NXP Semiconductors

  LP104S5 Datasheet HTML 1Page - NXP Semiconductors LP104S5 Datasheet HTML 2Page - NXP Semiconductors LP104S5 Datasheet HTML 3Page - NXP Semiconductors LP104S5 Datasheet HTML 4Page - NXP Semiconductors LP104S5 Datasheet HTML 5Page - NXP Semiconductors LP104S5 Datasheet HTML 6Page - NXP Semiconductors LP104S5 Datasheet HTML 7Page - NXP Semiconductors LP104S5 Datasheet HTML 8Page - NXP Semiconductors LP104S5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
22//23
23
CONTENTS
NO.
ITEM
Page
-
COVER
1
-
CONTENTS
2
-
RECORD OF REVISIONS
3
1
GENERAL DESCRIPTION
4
2
ABSOLUTE MAXIMUM RATINGS
5
3
ELECTRICAL SPECIFICATIONS
3-1
ELECTRICAL CHARACTERISTICS
6
3-2
INTERFACE CONNECTIONS
7
3-3
SIGNAL TIMING SPECIFICATIONS
9
3-4
SIGNAL TIMING WAVEFORMS
10
3-5
COLOR INPUT DATA REFERENCE
11
3-6
POWER SEQUENCE
12
4
OPTICAL SPECIFICATIONS
13
5
MECHANICAL CHARACTERISTICS
16
6
RELIABILITY
20
7
INTERNATIONAL STANDARDS
7-1
SAFETY
21
7-2
EMC
21
8
PACKING
8-1
DESIGNATION OF LOT MARK
22
8-2
PACKING FORM
22
9
PRECAUTIONS
23
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com