Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 4 Page - NXP Semiconductors

  LP104S5 Datasheet HTML 1Page - NXP Semiconductors LP104S5 Datasheet HTML 2Page - NXP Semiconductors LP104S5 Datasheet HTML 3Page - NXP Semiconductors LP104S5 Datasheet HTML 4Page - NXP Semiconductors LP104S5 Datasheet HTML 5Page - NXP Semiconductors LP104S5 Datasheet HTML 6Page - NXP Semiconductors LP104S5 Datasheet HTML 7Page - NXP Semiconductors LP104S5 Datasheet HTML 8Page - NXP Semiconductors LP104S5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
44//23
23
1. General Description
The LP104S5-A2VT is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode
Fluorescent Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active
element. It is a transmissive type display operating in the normally white mode.
This TFT-LCD has a 10.4
inches diagonally measured active display area with SVGA resolution(600 vertical by 800 horizontal pixel
array). Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical
stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 6-bit gray scale signal for
each dot, thus, presenting a palette of more than 262,144 colors.
The LP104S5-A2VT is intended to support applications where thin thickness is critical factors and
graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the
LP104S5-A2VT characteristics provide an excellent flat panel display for office automation products such
as Notebook PC.
General Features
Active screen size
10.4 inches(264.16mm) diagonal
Outline dimensions
224.5(H) X 172.0(V) X 5.7(D) mm (Typ.)
Pixel pitch
0.264 mm X 0.264 mm
Pixel format
800 horiz. by 600 vert. pixels
RGB stripe arrangement
Color depth
6-bit,
262,144 colors
Luminance,White
170 cd/m
2 (Typ.)
Power Consumption
Total 3.9 Watt(Typ.)
Weight
310g (Typ.)
Display operating mode
Transmissive mode, normally white
Surface treatments
Hard coating (3H),
Anti-glare treatment of the front polarizer
CN1: FI-XB30S-HF10 or equivalent , CN2: BHSR-02VS-1(JST)
Column driver circuit
TFT-LCD
(800 X 600)
Timing
Control
Block
Power
Block
Backlight Ass’y
CN2
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com