Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 7Page - NXP Semiconductors LP104S5 Datasheet HTML 8Page - NXP Semiconductors LP104S5 Datasheet HTML 9Page - NXP Semiconductors LP104S5 Datasheet HTML 10Page - NXP Semiconductors LP104S5 Datasheet HTML 11Page - NXP Semiconductors LP104S5 Datasheet HTML 12Page - NXP Semiconductors LP104S5 Datasheet HTML 13Page - NXP Semiconductors LP104S5 Datasheet HTML 14Page - NXP Semiconductors LP104S5 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
11
11//23
23
3-5. Color Input Data Reference
The brightness of each primary color(red, green and blue) is based on the 6-bit gray scale data input for
the color; the higher the binary input, the brighter the color. The table below provides a reference for
color versus data input.
Table 7 COLOR DATA REFERENCE
Input Color Data
Color
Red
MSB
LSB
Green
MSB
LSB
Blue
MSB
LSB
R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0
Basic
Colors
Black
Red(63)
Green(63)
Blue(63)
Cyan
Magenta
Yellow
White
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
Red
Red(00) Dark
Red(01)
Red(02)
Red(61)
Red(62)
Red(63) Bright
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
1
:
0
1
1
0
1
0
:
1
0
1
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
Green
Green(00)Dark
Green(01)
Green(02)
Green(61)
Green(62)
Green(63)Bright
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
1
:
0
1
1
0
1
0
:
1
0
1
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
Blue
Blue(00) Dark
Blue(01)
Blue(02)
Blue(61)
Blue(62)
Blue(63) Bright
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
0
0
0
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
0
:
1
1
1
0
0
1
:
0
1
1
0
1
0
:
1
0
1
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com