Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 12Page - NXP Semiconductors LP104S5 Datasheet HTML 13Page - NXP Semiconductors LP104S5 Datasheet HTML 14Page - NXP Semiconductors LP104S5 Datasheet HTML 15Page - NXP Semiconductors LP104S5 Datasheet HTML 16Page - NXP Semiconductors LP104S5 Datasheet HTML 17Page - NXP Semiconductors LP104S5 Datasheet HTML 18Page - NXP Semiconductors LP104S5 Datasheet HTML 19Page - NXP Semiconductors LP104S5 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
16
16//23
23
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP104S5-B2AP LCD.
In addition,
the figures in the next page are detailed mechanical drawings of the LCD.
Outside dimensions :
Horizontal
224.5
± 0.5 mm
Vertical
172.0
± 0.5 mm
Depth
5.7
± 0.3 mm
Bezel area :
Horizontal
214.2
± 0.5 mm
Vertical
161.8
± 0.5 mm
Active Display area :
Horizontal
211.2 mm
Vertical
158.4 mm
Weight (approximate) :
310g (Typ.),
320g(Max.)
Surface Treatment
: Hard coating (3H)
Anti-glare treatment of the front polarizer
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com