Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 4Page - NXP Semiconductors LP104S5 Datasheet HTML 5Page - NXP Semiconductors LP104S5 Datasheet HTML 6Page - NXP Semiconductors LP104S5 Datasheet HTML 7Page - NXP Semiconductors LP104S5 Datasheet HTML 8Page - NXP Semiconductors LP104S5 Datasheet HTML 9Page - NXP Semiconductors LP104S5 Datasheet HTML 10Page - NXP Semiconductors LP104S5 Datasheet HTML 11Page - NXP Semiconductors LP104S5 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
88//23
23
3-2. Interface Connections
This LCD employs interface connection, a 30 pin connector is used for the module electronics and a two
pin connector is used for the backlight system.
The electronic interface connector is a FI-XB30S-HF10, manufactred by JAE.
The pin configuration for the connector is shown in the table below.
Table 3
MODULE CONNECTOR PIN CONFIGURATION (LVDS)
Pin
Symbol
Description
Notes
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Vcc
Vcc
GND
DTMG
VSYNC
HSYNC
GND
DCLK
GND
R5
R4
R3
R2
R1
R0
GND
G5
G4
G3
G2
G1
G0
GND
B5
B4
B3
B2
B1
B0
GND
Power (3.3V)
Power (3.3V)
Ground
Data Enable
Vertical sync
Horizontal sync
Ground
Data Clock
Ground
Red data (MSB)
Red data
Red data
Red data
Red data
Red data (LSB)
Ground
Green data(MSB)
Green data
Green data
Green data
Green data
Green data(LSB)
Ground
Blue data (MSB)
Blue data
Blue data
Blue data
Blue data
Blue data (LSB)
Ground
1. Connector
1.1 LCD:
FI-XB30S-HF10 or equivalent
1.2 Mating:FI-30M (FPC Type)
FI-X30H (Cable Type)
1.3 Connector pin arrangement
[ LCD Module Rear View ]
The backlight interface connector is a model BHSR-02VS-1, manufactured by JST.
The mating
connector part number is SM02B-BHSS-1 or equivalent.
The pin configuration for the connector is
shown in the table below.
Table 4
BACKLIGHT CONNECTOR PIN CONFIGURATION
Pin
Symbol
Description
Notes
1
2
HV
LV
Power supply for lamp
(High voltage side)
Power supply for lamp
(Low voltage side)
1
1
Notes:
1. The high voltage side terminal is colored pink. The low voltage side terminal is black
11
30
30
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com