Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 9Page - NXP Semiconductors LP104S5 Datasheet HTML 10Page - NXP Semiconductors LP104S5 Datasheet HTML 11Page - NXP Semiconductors LP104S5 Datasheet HTML 12Page - NXP Semiconductors LP104S5 Datasheet HTML 13Page - NXP Semiconductors LP104S5 Datasheet HTML 14Page - NXP Semiconductors LP104S5 Datasheet HTML 15Page - NXP Semiconductors LP104S5 Datasheet HTML 16Page - NXP Semiconductors LP104S5 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
13
13//23
23
4. Optical Specifications
Optical characteristics are determined after the unit has been ‘ON’ and stable for approximately 30
minutes in a dark environment at 25
°C. The values specified are at an approximate distance 50cm from
the LCD surface at a viewing angle of
Φ and θ equal to 0°C.
FIG 1. presents additional information concerning the measurement equipment and method.
FIG. 1 Optical Characteristic Measurement Equipment and Method
Table 8
OPTICAL CHARACTERISTICS
( Ta=25
°C, Vcc=3.3V, f
V =60Hz, Dclk=38.5MHz, IBL= 6
mA)
Parameter
Symbol
Values
Units
Notes
Min.
Typ.
Max.
Contrast Ratio
Surface Luminance, white
Luminance Variation
Response Time
Rise Time
Decay Time
CIE Color Coordinates
Red
Green
Blue
White
Viewing Angle
x axis, right (
Φ=0º)
x axis, left(
Φ=180º)
y axis, up(
Φ=90º)
y axis, down (
Φ=270º)
Gray Scale
CR
LWH
δ WHITE
Tr
TrR
TrD
xR
yR
xG
yG
xB
yB
xW
yW
θr
θl
θu
θd
-
150
-
-
-
0.283
0.299
40
40
10
30
-
200
170
1.35
30
30
TBD
TBD
TBD
TBD
TBD
TBD
0.313
0.329
-
-
-
-
-
-
-
1.45
50
50
0.343
0.359
-
-
-
-
-
cd/m
2
ms
degree
1
2
3
4
5
6
Notes:
1. Contrast Ratio (CR) is defined mathematically as :
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
2. Surface luminance is the center point across the LCD surface 50cm from the surface with all
LCD Module
Optical Stage(x,y)
Field = 1°
Prichard 880 or
equivalent
500mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com