Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 16Page - NXP Semiconductors LP104S5 Datasheet HTML 17Page - NXP Semiconductors LP104S5 Datasheet HTML 18Page - NXP Semiconductors LP104S5 Datasheet HTML 19Page - NXP Semiconductors LP104S5 Datasheet HTML 20Page - NXP Semiconductors LP104S5 Datasheet HTML 21Page - NXP Semiconductors LP104S5 Datasheet HTML 22Page - NXP Semiconductors LP104S5 Datasheet HTML 23Page - NXP Semiconductors LP104S5 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
20
20//23
23
6. Reliability
-
Environment test condition
No.
Test Item
Conditions
1
High temperature storage test
Ta = 60
°C 240h
2
Low temperature storage test
Ta = -20
°C 240h
3
High temperature operation test Ta = 50
°C 50%RH 240h
4
Low temperature operation test Ta = 0
°C 240h
5
Vibration test
(non-operating)
Sine wave, 10~500~10Hz, 1.5G, 0.37oct/min,
3 axis, 1 hour/axis
6
Shock test
(non-operating)
Half sine wave, 180G, 2ms,
one shock of each six faces (i.e. run 180G 2ms for
all six faces.)
7
Altitude
operating
storage/shipment
0 - 10,000 feet (3048m)
0 - 40,000 feet (12192m)
{Result Evaluation Criteria}
There should be no change which might affect the practical display function when the display quality
test is conducted under normal operating condition.
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com