Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP104S5 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 2Page - NXP Semiconductors LP104S5 Datasheet HTML 3Page - NXP Semiconductors LP104S5 Datasheet HTML 4Page - NXP Semiconductors LP104S5 Datasheet HTML 5Page - NXP Semiconductors LP104S5 Datasheet HTML 6Page - NXP Semiconductors LP104S5 Datasheet HTML 7Page - NXP Semiconductors LP104S5 Datasheet HTML 8Page - NXP Semiconductors LP104S5 Datasheet HTML 9Page - NXP Semiconductors LP104S5 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
66//23
23
3. Electrical Specifications
3-1. Electrical Characteristics
The LP104S5-A2VT requires two power inputs. One is employed to power the LCD electronics and to
drive the TFT array and liquid crystal. The second input which powers the CCFL, is typically generated by
an inverter. The inverter is an external unit to the LCD.
Table 2
ELECTRICAL CHARACTERISTICS:
Parameter
Symbol
Values
Units
Notes
Min.
Typ.
Max.
Module
Power Supply Input Voltage
Power Supply Input Current
Power Consumption
Rush Current
VCC
ICC
Pc
IRUSH
3.0
-
-
-
3.3
290
0.96
1.0
3.6
360
1.2
1.5
Vdc
A
W
A
1
1
3
Lamp
Operating Voltage
Operating Current
Established Starting Voltage at
25
°C
0
°C
Discharge Stabilization Time
Operating Frequency
Power Consumption
Life Time
VBL
IBL
Ts
fBL
PBL
475(7mA)
3.0
-
-
45
-
20,000
500(6mA)
6.0
-
-
60
3.0
640(3mA)
7
845
1015
3
80
3.3
-
VRMS
mA
VRMS
VRMS
min
kHz
Watts
Hours
4
5
5
7
6
8
9
Notes: The design of the inverter must have specifications for the lamp in LCD Assembly.
The performance of the Lamp in LCM,for example life time or brightness,is extremely influenced by
the
characteristics of the DC-AC Inverter.So all the parameters of an inverter should be carefully
designed
so as not to produce too much leakage current from high-voltage output of the inverter.
When you design or order the inverter,please make sure unwanted lighting caused by the mismatch
of
the lamp and the inverter(no lighting,flicker,etc) never occurs.When you confirm it,the LCD Assembly
should be operated in the same condition as installed in your instrument.
1. The specified current and power consumption are under the Vcc = 3.3V , 25
°C, fv = 60Hz
condition
whereas mosaic pattern is displayed.
2. The duration of rush current is about 20ms.
3. The variance of the voltage is
±10%.
4. The voltage above Vs should be applied to the lamps for more than 1second for start-up.
Otherwise,the lamps may not be turned on.
5. The output of the inverter must have symmetrical(negative and positive) voltage waveform and
symmetrical current waveform.(Unsymmetrical ratio is less than 10%)
Please do not use the inverter which has unsymmetrical voltage and unsymmetrical current and
spike wave. Lamp frequency may produce interference with horizontal synchronous frequency
and
as a result this may cause beat on the display.
Therefore lamp frequency shall be as away as possible from the horizontal synchronous
frequency
and from its harmonics in order to prevent interference.
6. Let’s define the brightness of the lamp after being lighted for 5 minutes as 100%.
Ts is the time required for the brightness of the center of the lamp to be not less than 95%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com