Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button PD035VX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:20
Note 13-1: 1.Topcon BM-5A or BM-7 fast luminance meter 1°field of view is used in the testing
(after 1
minute operation).
2.LED current : 20 mA
3.Backlight Module : TBD.
Note 13-2: The definitions of viewing angles are as follow
Photometer (TOPCON
BM-5A or BM-7 fast)
TFT-LCD module
DC/AC Inverter
Optical characteristics measuring configuration
Field = 2
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com