Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PD035VX1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:3
1. Application
This data sheet applies to a color TFT LCD module, PD035VX1. PD035VX1 module applies to projector
which require high quality flat panel display.
2. Features
. Amorphous silicon TFT LCD panel
. Pixel in stripe configuration
. Display Colors:262,144 colors
. Optimum Viewing Direction:6 o’clock
. TTL transmission interface
3.Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
3.5(diagonal)
inch
Display Format
640×(R, G, B)×480
dot
Display Colors
262,144
Active Area
72(H)×52.56(V)
mm
Pixel Pitch
0.1125(H)×0.1095(V)
mm
Pixel Configuration
Stripe
Outline Dimension
81(W)×61.26 (H)×1.8 (typ.) (D)
mm
Weight
TBD
g
Surface treatment
TBD
Display mode
Normally white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com